Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5510 Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # MPC5510
Description  MPC5510 Microcontroller Family Data Sheet
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5510 Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button MPC5510 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 54 page
background image
Electrical Characteristics
MPC5510 Microcontroller Family Data Sheet, Rev. 2
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
27
2.5
Operating Current Specifications
Table 7. Operating Currents
Num
Characteristic
Symbol
Typ1
25C
Ambient
1 Typ - Nominal voltage levels and functional activity. Max - Maximum voltage levels and functional activity.
Typ1
70C
Ambient
Max1
-40–145C
Junction
Unit
Equations
ITOTAL = IDDE + IPP + IDDA + IDDR
IDDE = IDDE1 + IDDE2 + IDDE3
1VDDE(1,2,3) Current
VDDE(1,2,3) @ 3.0V - 5.5V
Static2, or when in SLEEP or STOP
Dynamic3
2 Static state of pins is when input pins are disabled or not being toggled and driven to a valid input level, output
pins are not toggling or driving against any current loads, and internal pull devices are disabled or not pulling
against any current loads.
3 Dynamic current from pins is application specific and depends on active pull devices, switching outputs, output
capacitive and current loads, and switching inputs. Refer to Table 8 for more information.
IDDE
1
Note 3
3
Note 3
30
Note 3
µA
mA
2VPP Current
VPP @ 0V (All modes)
VPP @ 5.25V
SLEEP mode
STOP mode
RUN mode
IPP
1
15
15
1
1
20
20
1
1
30
30
25
µA
µA
µA
mA
3VDDA Current
VDDA @ 4.5V - 5.25V
RUN mode4
SLEEP/STOP5 mode with 32KIRC
SLEEP/STOP5 mode with 32KOSC
SLEEP/STOP5 mode with 16MIRC
4 RUN mode is a typical application with the ADC, 16MIRC, 32KIRC running.
5 SLEEP/STOP mode means that only the listed peripherals are on. All others are diabled.
IDDA
5
12
12
111
5
16
16
165
10
26
28
225
mA
µA
µA
µA
4VDDR Current
VDDR@ 4.5V - 5.25V
SLEEP mode
STOP mode
RUN mode (Using 16 MHz IRC)
RUN mode (Maximum @ 48 MHz)6
RUN mode (Maximum @ 66 MHz)7
RUN mode (Maximum @ 80MHz)8
Optional: RTC/API (SLEEP mode)
Optional: Each 8K RAM block (SLEEP mode)
Optional: XOSC (SLEEP and STOP mode)9
6 RUN mode condition includes PLL selected as source of system clock, XOSC enabled with 40MHz crystal, all
peripherals enabled, both cores running, and running a typical application using both SRAM and flash.
7 RUN mode condition includes PLL selected as source of system clock, XOSC enabled with 40MHz crystal; all
peripheral and cores enabled and running a typical application using both SRAM and flash. Be sure to calculate
the junction temperature, as the maximum current at maximum ambient temperature can exceed the maximum
junction temperature.
IDDR
20
170
30
50
105
120
1
0.8
500
25
600
35
75
110
130
1
7
600
360
4200
40
90
120
135
3
45
900
µA
µA
mA
mA
mA
mA
µA
µA
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com