Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5510 Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # MPC5510
Description  MPC5510 Microcontroller Family Data Sheet
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5510 Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button MPC5510 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 54 page
background image
MPC5510 Microcontroller Family Data Sheet, Rev. 2
Preliminary—Subject to Change Without Notice
Electrical Characteristics
Freescale Semiconductor
30
2.7
Low Voltage Characteristics
Table 9. Low Voltage Monitors
Num
Characteristic
Symbol
Min
Typical
Max
Unit
1
Power-on-Reset Assert Level 1
VPOR
0.30
0.70
0.90
V
2
Low Voltage Monitor 1.5V 1
Assert Level
De-assert Level
1 Monitors V
DD
VLV15A
VLV15D
—
—
1.40
1.45
—
—
V
3
Low Voltage Monitor 3.3V 2
Assert Level
De-assert Level
2 Monitors V
DD33
VLV33A
VLV33D
—
—
3.05
3.10
—
—
V
4
Low Voltage Monitor Synthesizer 3
Assert Level
De-assert Level
3 Monitors V
DDSYN
VLVSYNA
VLVSYND
—
—
3.05
3.10
—
—
V
5
Low Voltage Monitor 5.0V Low Threshold 4
Assert Level
De-assert Level
4 Monitors V
DDA
VLV5LA
VLV5LD
3.30
3.35
3.35
3.40
3.40
3.45
V
6
Low Voltage Monitor 5.0V 4
Assert Level
De-assert Level
VLV5A
VLV5D
4.50
4.55
4.55
4.60
4.70
4.75
V
7
Low Voltage Monitor 5.0V High Threshold 4
Assert Level
De-assert Level
VLV5HA
VLV5HD
4.70
4.75
4.75
4.80
4.80
4.85
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com