Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5510 Datasheet(PDF) 47 Page - Freescale Semiconductor, Inc

Part # MPC5510
Description  MPC5510 Microcontroller Family Data Sheet
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5510 Datasheet(HTML) 47 Page - Freescale Semiconductor, Inc

Back Button MPC5510 Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 51Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 54 page
background image
Electrical Characteristics
MPC5510 Microcontroller Family Data Sheet, Rev. 2
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
47
2.13.7
Deserial Serial Peripheral Interface (DSPI)
Table 25. DSPI Timing1
1 DSPI timing specified at VDDE = 3.0V to 5.5V, T
A = TL to TH, and CL = 50pF with SRC = 0b11.
Num
Characteristic
Symbol
66 MHz
Unit
Min
Max
1
SCK Cycle TIme2,3
2 The minimum SCK Cycle Time restricts the baud rate selection for given system clock rate. These numbers are calculated
based on two MPC55xx devices communicating over a DSPI link.
3 The actual minimum SCK Cycle Time is limited by pad performance.
tSCK
60
—
ns
2
PCS to SCK Delay4
4 The maximum value is programmable in DSPI_CTARx[PSSCK] and DSPI_CTARx[CSSCK]
tCSC
20
—
ns
3
After SCK Delay5
5 The maximum value is programmable in DSPI_CTARx[PASC] and DSPI_CTARx[ASC]
tASC
20
—
ns
4
SCK Duty Cycle
tSDC
tSCK/2
–2ns
tSCK/2
+ 2ns
ns
5Slave Access Time
(SS active to SOUT driven)
tA
—
25
ns
6
Slave SOUT Disable Time
(SS inactive to SOUT High-Z or invalid)
tDIS
—
25
ns
7
PCSx to PCSS time
tPCSC
4—
ns
8PCSS to PCSx time
tPASC
5—
ns
9
Data Setup Time for Inputs
Master (MTFE = 0)
Slave
Master (MTFE = 1, CPHA = 0)6
Master (MTFE = 1, CPHA = 1)
6 This number is calculated assuming the SMPL_PT bit field in DSPI_MCR is set to 0b10.
tSUI
35
5
5
35
—
—
—
—
ns
ns
ns
ns
10
Data Hold Time for Inputs
Master (MTFE = 0)
Slave
Master (MTFE = 1, CPHA = 0)6
Master (MTFE = 1, CPHA = 1)
tHI
–4
10
26
–4
—
—
—
—
ns
ns
ns
ns
11
Data Valid (after SCK edge)
Master (MTFE = 0)
Slave
Master (MTFE = 1, CPHA=0)
Master (MTFE = 1, CPHA=1)
tSUO
—
—
—
—
15
35
30
15
ns
ns
ns
ns
12
Data Hold Time for Outputs
Master (MTFE = 0)
Slave
Master (MTFE = 1, CPHA = 0)
Master (MTFE = 1, CPHA = 1)
tHO
–15
5.5
0
–15
—
—
—
—
ns
ns
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com