Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5510 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # MPC5510
Description  MPC5510 Microcontroller Family Data Sheet
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5510 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button MPC5510 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 54 page
background image
MPC5510 Microcontroller Family Data Sheet, Rev. 2
Preliminary—Subject to Change Without Notice
Pin Assignments and Reset States
Freescale Semiconductor
16
3 V
RL is shorted to VSSA in the 144LQFP and 176 LQFP packages.
4 V
PP requires 5V for program/erase operations, but may be 0-5V otherwise. VPP should not go high
or low when the device is in Sleep mode.
5 Voltage generated from internal voltage regulator and no external connection or load allowed
except the required bypass capacitors.
6 V
FLASH is shorted to VDD33 in the package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com