Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5510 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # MPC5510
Description  MPC5510 Microcontroller Family Data Sheet
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5510 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button MPC5510 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 54 page
background image
Pin Assignments and Reset States
MPC5510 Microcontroller Family Data Sheet, Rev. 2
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
15
1.2
Power and Ground Supply Summary
6 Port A[14:15]—EXTAL32 and XTAL32 functions only apply on the 144LQFP. These functions are on PortK[0:1] for the 176LQFP and
208BGA. In the 176 LQFP and 208 BGA packages, activity on PA14 should be minimized if the 32kHz XTAL is enabled.
7 This analog input pin has reduced analog-to-digital conversion accuracy compared to PA0–PA15. See the MPC5510 Microcontroller
Family Data Sheet for values.
8 The NEXUS function is selected when the JTAG TAP controller is enabled via the JCOMP pin and the appropriate bits in the NP
PCR register. The value of the PA field in the associated PCR register has no effect on the pin function when the NEXUS function
is selected.
9 Pullup is enabled only when JCOMP is negated.
10 Always connect the TEST pin to Ground (Vss).
Table 2. MPC5510 Power/Ground
Pin
Name
Function Description
Voltage1
1 These are nominal voltages.
Package Pin Locations
144
176
208
VDDR
Voltage Regulator Supply
5.0 V
46
56
T6
VDDA
Analog Power
5.0 V
144
176
A2
VRH
2
2 V
RH is shorted to VDDA in the 144LQFP and 176 LQFP packages.
eQADC Voltage Reference High
5.0 V
B3
VSSA
Analog Ground
–
141
173
A4
VRL
3
eQADC Voltage Reference Low
–
B4
REFBYPC
eQADC Reference Bypass Capacitor
VSSA
1
1
B1
VPP
4
Flash Program/Erase Power
5.0 V
78
94
P15
VDDSYN
5
Clock Synthesizer Power
3.3 V
73
89
R16
VSSSYN
Clock Synthesizer Ground
–
76
92
M16
VDDE1
External I/O Power
3.3 V –
5.0 V
96,119
105,120,
143,155
A15,D10,E13,
G16,K15
VDDE2
16,33,48
21,41,58
H4,L4,N5,P1
VDDE3
61
71,77
N9,T11
VSSE1
External I/O Ground
–
95,118
104,119,
142,154
Shorted to VSS in
the package
VSSE2
15,32,47
20,40,57
Shorted to VSS in
the package
VSSE3
60
70,76
Shorted to VSS in
the package
VDD33
5
3.3 V I/O Power
3.3 V
77
93
N15
VFLASH
5, 6
Flash Read Power
VDD
5
Internal Logic Power
1.5 V
31,53,79
39,63,95
A1,A16,B2,B15,
R2,R15,T1,T16
VDDF
5
Flash Internal Logic Power
79
95
Shorted to VDD in
the package
VSS
Ground
–
80
96
C3,C14,D4,D13,
G7-G10,H7-H10,
J7-J10,K7-K10,
N4,N13,P3,P14
VSSF
Flash Internal Logic Ground
Shorted to VSS in
the package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com