Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5510 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPC5510
Description  MPC5510 Microcontroller Family Data Sheet
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5510 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPC5510 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
Freescale Semiconductor
Data Sheet: Advance Information
Document Number: MPC5510
Rev. 2, 12/2008
© Freescale Semiconductor, Inc., 2007, 2008. All rights reserved.
Preliminary—Subject to Change Without Notice
This document contains information on a product under development. Freescale reserves the
right to change or discontinue this product without notice.
MPC5510
TBD
MAPBGA–225
15 mm x 15 mm
QFN12
##_mm_x_##mm
SOT-343R
##_mm_x_##mm
PKG-TBD
## mm x ## mm
MAPBGA–208
17 mm x 17 mm
LQFP–144
20 mm x 20 mm
LQFP–176
24 mm x 24 mm
MPC5510 Family Features
• Single issue, 32-bit CPU core complex (e200z1)
– Compliant with the Power Architecture™ embedded
category
– Includes an instruction set enhancement allowing
variable length encoding (VLE) for code size footprint
reduction. With the optional encoding of mixed 16-bit
and 32-bit instructions, it is possible to achieve
significant code size footprint reduction.
• Up to 1.5-Mbyte on-chip flash with flash control unit
(FCU)
• Up to 80 Kbytes on-chip SRAM
• Memory protection unit (MPU) with up to sixteen region
descriptors and 32-byte region granularity
• Interrupt controller (INTC) capable of handling
selectable-priority interrupt sources
• Frequency modulated Phase-locked loop (FMPLL)
• Crossbar switch architecture for concurrent access to
peripherals, flash, or RAM from multiple bus masters
• 16-channel enhanced direct memory access controller
(eDMA)
• Boot assist module (BAM) supports internal flash
programming via a serial link (CAN or SCI)
• Timer supports input/output channels providing a range of
16-bit input capture, output compare, and pulse width
modulation functions (eMIOS200)
• Up to 40-channel 12-bit analog-to-digital converter (ADC)
• Up to four serial peripheral interface (DSPI) modules
• Media Local Bus (MLB) emulation logic (works with two
DSPIs, the e200z0, the eDMA, and system RAM to create
a 3-pin or 5-pin 256Fs MLB protocol)
• Up to eight serial communication interface (eSCI) modules
• Up to six enhanced full CAN (FlexCAN) modules with
configurable buffers
• One inter IC communication interface (I2C) module
• Up to 144 configurable general purpose pins supporting
input and output operations and 3.0V through 5.5V supply
levels
• Real-time counter (RTC_API) with clock source from
external 32-kHz crystal oscillator, internal 32-kHz or
16-MHz oscillator and supporting wake-up with selectable
1-second resolution and > 1-hour timeout, or 1-millisecond
resolution with maximum timeout of one second
• Up to eight periodic interrupt timers (PIT) with 32-bit
counter resolution
• Nexus development interface (NDI) per IEEE-ISTO
5001-2003 Class Two Plus standard
• Device/board test support per Joint Test Action Group
(JTAG) of IEEE (IEEE 1149.1)
• On-chip voltage regulator (VREG) for regulation of 5V
input to 1.5V and 3.3V internal supply levels
• Optional e200z0, second Power Architecture based I/O
processor with VLE instruction set
• Optional FlexRAY controller
• Optional external bus interface (EBI) module
MPC5510 Microcontroller
Family Data Sheet


Similar Part No. - MPC5510

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5510 FREESCALE-MPC5510 Datasheet
365Kb / 54P
MPC5510 Microcontroller
logo
NXP Semiconductors
MPC5510 NXP-MPC5510 Datasheet
528Kb / 54P
MPC5510 Microcontroller Family Data Sheet
Rev. 5, 7/2019
More results

Similar Description - MPC5510

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF52223 FREESCALE-MCF52223 Datasheet
834Kb / 56P
Microcontroller Data Sheet
MPC5553 FREESCALE-MPC5553_07 Datasheet
2Mb / 66P
Microcontroller Data Sheet
logo
Lattice Semiconductor
MACHXO LATTICE-MACHXO Datasheet
942Kb / 95P
MachXO Family Data Sheet
logo
Freescale Semiconductor...
MPC5533 FREESCALE-MPC5533 Datasheet
1Mb / 50P
Microcontroller Data Sheet
SPC5607BF1MLU6 FREESCALE-SPC5607BF1MLU6 Datasheet
779Kb / 110P
Microcontroller Data Sheet
SPC5516EAMLQ48 FREESCALE-SPC5516EAMLQ48 Datasheet
365Kb / 54P
MPC5510 Microcontroller
logo
Microchip Technology
PIC24FJ192GA110-I MICROCHIP-PIC24FJ192GA110-I Datasheet
2Mb / 330P
PIC24FJ256GA110 Family Data Sheet
08/04/10
logo
NXP Semiconductors
MPC5510 NXP-MPC5510 Datasheet
528Kb / 54P
MPC5510 Microcontroller Family Data Sheet
Rev. 5, 7/2019
MPC5561 NXP-MPC5561 Datasheet
1Mb / 58P
Microcontroller Data Sheet
Rev. 3, June 2012
logo
Lattice Semiconductor
LCMXO2-7000HC-6TG144C LATTICE-LCMXO2-7000HC-6TG144C Datasheet
5Mb / 122P
MachXO2 Family Data Sheet
2010-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com