Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5510 Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # MPC5510
Description  MPC5510 Microcontroller Family Data Sheet
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5510 Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button MPC5510 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 54 page
background image
MPC5510 Microcontroller Family Data Sheet, Rev. 2
Preliminary—Subject to Change Without Notice
Electrical Characteristics
Freescale Semiconductor
32
Table 12. 5V High Frequency (16 MHz) Internal RC Oscillator
Num
Characteristic
Symbol
Min
Typ
Max
Unit
1
Frequency before trim1
1 Across process, voltage, and temperature
Fut
12.8
16
22.3
MHz
2
Frequency after loading factory trim2
2 Across voltage and temperature
Ft
15.1
16
16.9
MHz
3
Application trim resolution3
3 Fixed voltage and temperature
Ts
——
± 0.5%
4
Application frequency trim step3
Fs
—
300
—
kHz
5
Start up time
St
—
—
500
ns
Table 13. 5V Low Frequency (32 kHz) Internal RC Oscillator
Num
Characteristic
Symbol
Min
Typ
Max
Unit
1
Frequency before trim1
1 Across process, voltage, and temperature
Fut32
20.8
32.0
43.2
kHz
2
Frequency after loading factory trim2
2 Across voltage and temperature
Ft32
26
32.0
38
kHz
3
Application trim resolution3
3 Fixed voltage and temperature
Ts32
——
± 2%
4
Application frequency trim step3
Fs32
—
1
—
kHz
5
Start up time
St32
—
—
100
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com