Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5510 Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # MPC5510
Description  MPC5510 Microcontroller Family Data Sheet
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5510 Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button MPC5510 Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 54 page
background image
Electrical Characteristics
MPC5510 Microcontroller Family Data Sheet, Rev. 2
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
37
2.13
AC Timing
2.13.1
Reset and Boot Configuration Pins
Figure 6. Reset and Boot Configuration Timing
2.13.2
External Interrupt (IRQ) and Non-Maskable Interrupt (NMI) Pins
Figure 7. IRQ and NMI Timing
Table 19. Reset and Boot Configuration Timing
Num
Characteristic
Symbol
Min
Max
Unit
1
RESET Pulse Width
tRPW
150
—
ns
2
BOOTCFG Setup Time after RESET Valid
tRCSU
—100
μs
3
BOOTCFG Hold Time from RESET Valid
tRCH
0—
μs
Table 20. IRQ/NMI Timing
Num
Characteristic
Symbol
Min
Max
Unit
1
IRQ/NMI Pulse Width Low
tIPWL
3—
tSYS
2
IRQ/NMI Pulse Width High
TIPWH
3—
tSYS
3
IRQ/NMI Edge to Edge Time1
1 Applies when IRQ/NMI pins are configured for rising edge or falling edge events, but not both.
tICYC
6—
tSYS
1
RESET
3
BOOTCFG
2
IRQ/NMI
1,2
1,2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com