Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5510 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # MPC5510
Description  MPC5510 Microcontroller Family Data Sheet
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5510 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button MPC5510 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 54 page
background image
MPC5510 Microcontroller Family Data Sheet, Rev. 2
Preliminary—Subject to Change Without Notice
Pin Assignments and Reset States
Freescale Semiconductor
14
PJ8
136
PJ8
PCS_D4
GPIO
DSPI_D Peripheral Chip Select
I/O
I/O
VDDE2
SH
—
—
—
27
K2
PJ9
137
PJ9
PCS_D3
GPIO
DSPI_D Peripheral Chip Select
I/O
I/O
VDDE2
SH
—
—
—
26
K1
PJ10
138
PJ10
PCS_D2
GPIO
DSPI_D Peripheral Chip Select
I/O
I/O
VDDE2
SH
—
—
—
25
J4
PJ11
139
PJ11
PCS_D1
GPIO
DSPI_D Peripheral Chip Select
I/O
I/O
VDDE2
SH
—
—
—
19
H3
PJ12
140
PJ12
PCS_D0
GPIO
DSPI_D Peripheral Chip Select
I/O
I/O
VDDE2
SH
—
—
—
18
H2
PJ13
141
PJ13
SCK_D
GPIO
DSPI_D Clock
I/O
I/O
VDDE2
SH
—
—
—
16
G4
PJ14
142
PJ14
SOUT_D
GPIO
DSPI_D Serial Out
I/O
O
VDDE2
SH
—
—
—
15
G3
PJ15
143
PJ15
SIN_D
GPIO
DSPI_D Serial In
I/O
I
VDDE2
SH
—
—
—
13
G1
Port K (2)
PK0
144
PK0
EXTAL32
GPIO
32 kHz Crystal Oscillator Input
I
I
VDDA
AE + IH
—
—
—
168
B6
PK1
145
PK1
XTAL32
GPIO
32 kHz Crystal Oscillator Output
I
O
VDDA
AE + IH
—
—
—
166
A6
Miscellaneous Pins (9)
EXTAL
—
EXTAL
EXTCLK
Main Crystal Oscillator Input
External Clock Input
I
I
VDDSYN
AE
EXTAL
75
91
N16
XTAL
—
XTAL
Main Crystal Oscillator Output
O
VDDSYN
AE
XTAL
74
90
P16
TMS
—
TMS
JTAG Test Mode Select Input
I
VDDE3
SH
TMS (Pull Up)
72
88
T15
TCK
—
TCK
JTAG Test Clock Input
I
VDDE3
IH
TCK (Pull Down)
71
87
R14
TDO
—
TDO
JTAG Test Data Output
O
VDDE3
MH
TDO (Pull Up9)70
86
T14
TDI
—
TDI
JTAG Test Data Input
I
VDDE3
IH
TDI (Pull Up)
69
85
R13
JCOMP
—
JCOMP
JTAG Compliancy
I
VDDE3
IH
JCOMP (Pull Down)
68
84
T13
TEST10
—
TEST
Test Mode Select
I
VDDE3
IH
TEST
62
78
R11
RESET
—
RESET
External Reset
I/O
VDDE2
SH
RESET (Pull Up)
10
10
E4
1 The GPIO number is the same as the corresponding pad configuration register (SIU_PCRn) number.
2 This column lists the functions associated with the programming of the SIU_PCRn[PA] bit field in the following order: GPIO, function
1, function 2, and function 3. The unused functions by a given pin begin with function 3, then function 2, then function 1.
3 These are nominal voltages. Each segment provides the power and ground for the given set of I/O pins.
4 Pad types: SH - Bi-directional slow speed pad with input hysteresis; MH - Bi-directional medium speed pad with input hysteresis; IH
- Input only pad with input hysteresis; AE/A - Analog pad.
5 A dash for the function in this column denotes the input and output buffer are turned off.
Table 1. MPC5510 Signal Properties (continued)
Pin
Name
GPIO
(PCR)
Num1
Supported
Functions2
Description
I/O
Type
Voltage3
Pad4
Type
Status
During
Reset5
Status
After
Reset5
Package Pin
Locations
144 176 208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com