Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5510 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPC5510
Description  MPC5510 Microcontroller Family Data Sheet
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5510 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPC5510 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
MPC5510 Microcontroller Family Data Sheet, Rev. 2
Preliminary—Subject to Change Without Notice
Pin Assignments and Reset States
Freescale Semiconductor
4
1
Pin Assignments and Reset States
1.1
Signal Properties and Multiplexing Summary
Table 1 shows the signal properties for each pin on the MPC5510. For all port pins, which have an associated pad configuration
register (SIU_PCRn register) to control its pin properties, the “Supported Pin Functions” column lists the functions associated
with the programming of the SIU_PCRn[PA] bit field in the following order: GPIO, Function1, Function2 and Function3. If
fewer than three functions plus GPIO are supported by a given pin, then the unused functions begin with Function3, then
Function2, then Function1. Note that the GPIO number is the same number as the corresponding pad configuration register
(SIU_PCRn) number.
Table 1. MPC5510 Signal Properties
Pin
Name
GPIO
(PCR)
Num1
Supported
Functions2
Description
I/O
Type
Voltage3
Pad4
Type
Status
During
Reset5
Status
After
Reset5
Package Pin
Locations
144 176 208
Port A (16)
PA0
0
PA0
AN0
GPI
eQADC Analog Input
I
I
VDDA
AE + IH
—
—
9
9
E3
PA1
1
PA1
AN1
GPI
eQADC Analog Input
I
I
VDDA
AE + IH
—
—
8
8
E2
PA2
2
PA2
AN2
GPI
eQADC Analog Input
I
I
VDDA
AE + IH
—
—
7
7
E1
PA3
3
PA3
AN3
GPI
eQADC Analog Input
I
I
VDDA
AE + IH
—
—
6
6
D3
PA4
4
PA4
AN4
GPI
eQADC Analog Input
I
I
VDDA
AE + IH
—
—
5
5
D2
PA5
5
PA5
AN5
GPI
eQADC Analog Input
I
I
VDDA
AE + IH
—
—
4
4
D1
PA6
6
PA6
AN6
GPI
eQADC Analog Input
I
I
VDDA
AE + IH
—
—
3
3
C2
PA7
7
PA7
AN7
GPI
eQADC Analog Input
I
I
VDDA
AE + IH
—
—
2
2
C1
PA8
8
PA8
AN8/ANW
GPI
eQADC Analog Input
I
I
VDDA
AE + IH
—
—
143
175
A3
PA9
9
PA9
AN9/ANX
GPI
eQADC Analog Input
I
I
VDDA
AE + IH
—
—
142
174
C4
PA10
10
PA10
AN10/ANY
GPI
eQADC Analog Input
I
I
VDDA
AE + IH
—
—
140
172
D5
PA11
11
PA11
AN11/ANZ
GPI
eQADC Analog Input
I
I
VDDA
AE + IH
—
—
139
171
C5
PA12
12
PA12
AN12
GPI
eQADC Analog Input
I
I
VDDA
AE + IH
—
—
138
170
B5
PA13
13
PA13
AN13
GPI
eQADC Analog Input
I
I
VDDA
AE + IH
—
—
137
169
A5
PA14
14
PA14
AN14
EXTAL326
GPI
eQADC Analog Input
32 kHz Crystal Oscillator Input
I
I
I
VDDA
AE + IH
—
—
136
167
D6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com