Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5510 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MPC5510
Description  MPC5510 Microcontroller Family Data Sheet
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5510 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MPC5510 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 54 page
background image
MPC5510 Microcontroller Family Data Sheet, Rev. 2
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
2
Table of Contents
1
Pin Assignments and Reset States . . . . . . . . . . . . . . . . . . . . .4
1.1
Signal Properties and Multiplexing Summary . . . . . . . . .4
1.2
Power and Ground Supply Summary . . . . . . . . . . . . . .15
1.3
Pinout – 144 LQFP . . . . . . . . . . . . . . . . . . . . . . . . . . . .17
1.4
Pinout – 176 LQFP . . . . . . . . . . . . . . . . . . . . . . . . . . . .18
1.5
Pinout – 208 PBGA. . . . . . . . . . . . . . . . . . . . . . . . . . . .19
2
Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . .20
2.1
Maximum Ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . .20
2.2
Thermal Characteristics . . . . . . . . . . . . . . . . . . . . . . . .21
2.2.1
General Notes for Specifications at Maximum
Junction Temperature . . . . . . . . . . . . . . . . . . . .21
2.3
ESD Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . .24
2.4
DC Electrical Specifications . . . . . . . . . . . . . . . . . . . . .25
2.5
Operating Current Specifications
. . . . . . . . . . . . . .27
2.6
I/O Pad Current Specifications . . . . . . . . . . . . . . . . . . .29
2.7
Low Voltage Characteristics . . . . . . . . . . . . . . . . . . . . .30
2.8
Oscillators Electrical Characteristics. . . . . . . . . . . . . . .31
2.9
FMPLL Electrical Characteristics . . . . . . . . . . . . . . . . .33
2.10 eQADC Electrical Characteristics . . . . . . . . . . . . . . . . .34
2.11 Flash Memory Electrical Characteristics. . . . . . . . . . . .35
2.12 Pad AC Specifications. . . . . . . . . . . . . . . . . . . . . . . . . .36
2.13 AC Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .37
2.13.1 Reset and Boot Configuration Pins . . . . . . . . . .37
2.13.2 External Interrupt (IRQ) and Non-Maskable
Interrupt (NMI) Pins . . . . . . . . . . . . . . . . . . . . .37
2.13.3 JTAG (IEEE 1149.1) Interface . . . . . . . . . . . . . .38
2.13.4 Nexus Debug Interface . . . . . . . . . . . . . . . . . . .41
2.13.5 External Bus Interface (EBI) . . . . . . . . . . . . . . .43
2.13.6 Enhanced Modular I/O Subsystem (eMIOS) . . .46
2.13.7 Deserial Serial Peripheral Interface (DSPI) . . . .47
3
Package Information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .52
4
Product Documentation . . . . . . . . . . . . . . . . . . . . . . . . . . . . .52
4.1
Revision History . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .53
List of Tables
Table 1. MPC5510 Signal Properties . . . . . . . . . . . . . . . . . . . . . . .4
Table 2. MPC5510 Power/Ground . . . . . . . . . . . . . . . . . . . . . . . .15
Table 3. Absolute Maximum Ratings . . . . . . . . . . . . . . . . . . . . . . .20
Table 4. Thermal Characteristics. . . . . . . . . . . . . . . . . . . . . . . . . .21
Table 5. ESD Ratings, . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .24
Table 6. DC Electrical Specifications. . . . . . . . . . . . . . . . . . . . . . .25
Table 7. Operating Currents . . . . . . . . . . . . . . . . . . . . . . . . . . . . .27
Table 8. I/O Pad Average DC Current . . . . . . . . . . . . . . . . . . . . . .29
Table 9. Low Voltage Monitors . . . . . . . . . . . . . . . . . . . . . . . . . . .30
Table 10. 3.3V High Frequency External Oscillator. . . . . . . . . . . .31
Table 11. 5V Low Frequency (32 kHz) External Oscillator . . . . . .31
Table 12. 5V High Frequency (16 MHz) Internal RC Oscillator . . .32
Table 13. 5V Low Frequency (32 kHz) Internal RC Oscillator . . . 32
Table 14. FMPLL Electrical Specifications . . . . . . . . . . . . . . . . . 33
Table 15. eQADC Conversion Specifications (Operating) . . . . . . 34
Table 16. Flash Program and Erase Specifications . . . . . . . . . . . 35
Table 17. Flash EEPROM Module Life (Full Temperature Range) 35
Table 18. Pad AC Specifications (VDDE = 3.0V - 5.5V) . . . . . . . 36
Table 19. Reset and Boot Configuration Timing . . . . . . . . . . . . . 37
Table 20. IRQ/NMI Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
Table 21. JTAG Interface Timing . . . . . . . . . . . . . . . . . . . . . . . . . 38
Table 22. Nexus Debug Port Timing . . . . . . . . . . . . . . . . . . . . . . 41
Table 23. External Bus Operation Timing . . . . . . . . . . . . . . . . . . 43
Table 24. eMIOS Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 46
Table 25. DSPI Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 47
Table 26. Package Information . . . . . . . . . . . . . . . . . . . . . . . . . . 52
Table 27. Revision History of MPC5510 Data Sheet . . . . . . . . . . 53
List of Figures
F. . . . . . . . . . . . . . . . . Figure 1. MPC5510 Family Block Diagram 3
Figure 2. MPC5510 Pinout – 144 LQFP . . . . . . . . . . . . . . . . . . . 17
Figure 3. MPC5510 Pinout – 176 LQFP . . . . . . . . . . . . . . . . . . . 18
Figure 4. MPC5510 Pinout – 208 PBGA . . . . . . . . . . . . . . . . . . . 19
Figure 5. Pad Output Delay . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36
Figure 6. Reset and Boot Configuration Timing. . . . . . . . . . . . . . 37
Figure 7. IRQ and NMI Timing. . . . . . . . . . . . . . . . . . . . . . . . . . . 37
Figure 8. JTAG Test Clock Input Timing. . . . . . . . . . . . . . . . . . . . 38
Figure 9. JTAG Test Access Port Timing . . . . . . . . . . . . . . . . . . . 39
Figure 10. JTAG JCOMP Timing . . . . . . . . . . . . . . . . . . . . . . . . . 39
Figure 11. JTAG Boundary Scan Timing . . . . . . . . . . . . . . . . . . . 40
Figure 12. Nexus Output Timing . . . . . . . . . . . . . . . . . . . . . . . . . 41
Figure 13. Nexus TDI, TMS, TDO Timing . . . . . . . . . . . . . . . . . . 42
Figure 14. CLKOUT Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43
Figure 15. Synchronous Output Timing . . . . . . . . . . . . . . . . . . . . 44
Figure 16. Synchronous Input Timing . . . . . . . . . . . . . . . . . . . . . 45
Figure 17. Address Latch Enable (ALE) Timing . . . . . . . . . . . . . 46
Figure 18. DSPI Classic SPI Timing — Master, CPHA = 0 . . . . . 48
Figure 19. DSPI Classic SPI Timing — Master, CPHA = 1 . . . . . 48
Figure 20. DSPI Classic SPI Timing — Slave, CPHA = 0 . . . . . . 49
Figure 21. DSPI Classic SPI Timing — Slave, CPHA = 1 . . . . . . 49
Figure 22. DSPI Modified Transfer Format Timing — Master,
CPHA = 0 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50
Figure 23. DSPI Modified Transfer Format Timing — Master,
CPHA = 1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50
Figure 24. DSPI Modified Transfer Format Timing — Slave, CPHA = 0
51
Figure 25. DSPI Modified Transfer Format Timing — Slave, CPHA = 1
51
Figure 26. DSPI PCS Strobe (PCSS) Timing . . . . . . . . . . . . . . . 51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com