Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5510 Datasheet(PDF) 53 Page - Freescale Semiconductor, Inc

Part # MPC5510
Description  MPC5510 Microcontroller Family Data Sheet
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5510 Datasheet(HTML) 53 Page - Freescale Semiconductor, Inc

Back Button MPC5510 Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 54Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 53 / 54 page
background image
Product Documentation
MPC5510 Microcontroller Family Data Sheet, Rev. 2
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
53
4.1
Revision History
Table 27 summarizes revisions to this document.
Table 27. Revision History of MPC5510 Data Sheet
Revision
Date
Substantive Changes
Rev. 0
9/2007
Initial Release. Preliminary content.
Rev. 1
6/2008
(Note: Change descriptions refer to locations in Rev. 0.)
Changed MPC5516 to MPC5510 Family where appropriate.
Modified Figure 1. MPC5510 Family Block Diagram.
Deleted Table 1. MPC5510 Family Comparison, Maximum Feature Set
Deleted Table 2. MPC5510 Peripheral Multiplexing Examples
Corrected PK0 and PK1 pin assignments on 208 MAPBGA (Table 3 and Figure 4).
Modified Table 4, footnote 4.
Modified Table 8. DC Electrical Specifications and table footnotes.
Modified Table 9. Operating Currents and table footnotes.
Modified Table 12. 3.3V High Frequency External Oscillator, row 5.
Modified Table 14. 5V High Frequency (16 MHz) Internal RC Oscillator, row 2.
Modified Table 16. FMPLL Electrical Specifications, row 4.
Modified Table 17. eQADC Conversion Specifications (Operating) and table footnotes.
Modified Table 18. Flash Program and EraseSpecifications, row 5.
Modified Table 19. Flash EEPROM Module Life (Full Temperature Range), row 1
Modified Table 28. Package Information.
Rev. 2
12/2008
(Note: Change descriptions refer to locations in Rev. 1.)
Modified Table 1. MPC5510 Signal Properties: added note to TEST signal.
Modified Table 6. DC Electrical Specifications: rows 1b, 5, 8, 9, 10, 11, 16, 19, 25, and footnotes.
Modified Table 7. Operating Currents: Max column header, rows 1, 2, 3, 4, and footnotes.
Modified Table 9. Low Voltage Monitors: rows 2, 3, 4, 6.
Modified Table 10. 3.3V High Frequence External Oscillator: row 1 added footnote, removed
duplicate footnote #3.
Modified Table 11. 5V Low Frequency (32 kHz) External Oscillator: row 1.
Modified Table 12. 5V High Frequency (16 MHz) Internal RC Oscillator: row 2.
Modified Table 13. 5V Low Frequency (32 kHz) Internal RC Oscillator: row 2.
Modified Table 14. FMPLL Electrical Specifications: rows 1 and 4; added two new rows.
Modified Table 15. eQADC Conversion Specifications (Operating): rows 5, 6, 7, 8, 10, 11, and
footnotes.
Modified Figure 5. Pad Output Delay: moved the dashed horizontal line up so that it crosses the
signal midway between top and bottom.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com