Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5510 Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # MPC5510
Description  MPC5510 Microcontroller Family Data Sheet
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5510 Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button MPC5510 Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 54 page
background image
MPC5510 Microcontroller Family Data Sheet, Rev. 2
Preliminary—Subject to Change Without Notice
Electrical Characteristics
Freescale Semiconductor
34
2.10
eQADC Electrical Characteristics
Table 15. eQADC Conversion Specifications (Operating)
Num
Characteristic
Symbol
Min
Max
Unit
1
ADC Clock (ADCLK) Frequency1
1 Conversion characteristics vary with F
ADCLK rate. Reduced conversion accuracy occurs at maximum FADCLK rate. The
maximum value is based on 800KS/s and the minimum value is based on 20MHz oscillator clock frequency divided by a
maximum 16 factor.
FADCLK
112
MHz
2
Conversion Cycles
CC
14+2 (or 16)
14+128 (or 142)
ADCLK
cycles
3
Stop Mode Recovery Time2
2 The specified value is for the case when the 100nF capacitor is not connected to the REFBYPC pin. When the capacitor is
connected to the REFBPYC pin, the recovery time is 10ms.
TSR
20
—
μs
4
Resolution
—
1.25
—
mV
5
INL: 12 MHz ADC Clock3
3 At V
RH – VRL = 5.12 V, one lsb = 1.25 mV = one count, this is an additional count error to the TUE count error.
INL12
—
10
Counts
6
DNL: 12 MHz ADC Clock3
DNL12
—
10
Counts
7
Offset Error with Calibration3
OFFWC
—
10
Counts
8
Full Scale Gain Error with Calibration
GAINWC
—
10
Counts
9
Disruptive Input Injection Current 4, 5, 6, 7
4 Below disruptive current conditions, the channel being stressed has conversion values of 0x3FF for analog inputs greater than
VRH and 0x000 for values less than VRL. This assumes that VRH ≤ VDDA and VRL ≥ VSSA due to the presence of the sample
amplifier. Other channels are not affected by non-disruptive conditions.
5 Exceeding limit may cause conversion error on stressed channels and on unstressed channels. Transitions within the limit do
not affect device reliability or cause permanent damage.
6 Input must be current limited to the value specified. To determine the value of the required current-limiting resistor, calculate
resistance values using VPOSCLAMP = VDDA + 0.5V and VNEGCLAMP = – 0.3 V, then use the larger of the calculated values.
7 Condition applies to two adjacent pads on the internal pad.
IINJ
—±1
mA
10
Incremental Error due to injection current. All channels have
same 10k
Ω < Rs <100kΩ 3
Channel under test has Rs=10k
Ω,
IINJ=IINJMAX,IINJMIN
EINJ
—
±6
Counts
11
Total Unadjusted Error for single ended conversions with
calibration3, 8, 9, 10
8 The TUE specification will always be better than the sum of the INL, DNL, offset, and gain errors due to canceling errors.
9 TUE includes all internal device error such as internal reference variation (75% Ref, 25% Ref)
10 Depending on the customer input impedance, the Analog Input Leakage current (DC Electrical specification) may affect the
actual TUE measured on analog channels shared digital pins.
TUE
—
±10
Counts
12
Source Impedance11
11 If R
S is greater than 1 k Ohm, be sure to calculate the affect of pin leakage and use the proper sampling time, to ensure that
you get the accuracy required.
RS
—
100k
Ohm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com