Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8599TH Datasheet(PDF) 29 Page - NXP Semiconductors

Part # TDF8599TH
Description  I2C-bus controlled dual channel 43 W/2 W single channel 85 W/1 W class-D power amplifier with load diagnostics
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599TH Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button TDF8599TH Datasheet HTML 25Page - NXP Semiconductors TDF8599TH Datasheet HTML 26Page - NXP Semiconductors TDF8599TH Datasheet HTML 27Page - NXP Semiconductors TDF8599TH Datasheet HTML 28Page - NXP Semiconductors TDF8599TH Datasheet HTML 29Page - NXP Semiconductors TDF8599TH Datasheet HTML 30Page - NXP Semiconductors TDF8599TH Datasheet HTML 31Page - NXP Semiconductors TDF8599TH Datasheet HTML 32Page - NXP Semiconductors TDF8599TH Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
TDF8599_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 13 November 2008
29 of 52
NXP Semiconductors
TDF8599
Class-D power amplifier with load diagnostics
SVRR voltage and ACGND input bias voltage in Mute and Operating modes
Vref
reference voltage
input ACGND pin
2
2.45 3
V
half supply reference SVRR pin
6.9
7.2
7.5
V
Amplifier outputs; pins OUT1N, OUT1P, OUT2N and OUTP2
VO(offset)
output offset voltage
BTL; Mute mode
-
-
25
mV
BTL; Operating mode
[3][5] --70
mV
Stabilizer output; pins VSTAB1 and VSTAB2
Vo
output voltage
stabilizer output in Mute mode and
Operating mode
810
12V
Voltage protections
V(prot)
protection voltage
undervoltage; amplifier is muted
6.8
7.2
8
V
overvoltage; load dump protection
is activated
26.2 27
-
V
VP that a POR occurs at
3
3.7
4.4
V
Current protection
IO(ocp)
overcurrent protection output
current
current limit
8
-
-
A
Temperature protection
Tprot
protection temperature
155
-
160
°C
Tact(th_fold)
thermal foldback activation
temperature
gain =
−1 dB
140
-
150
°C
Tj(AV)(warn1)
average junction temperature for
pre-warning 1
IB2[D3] = 0; non-I2C-bus mode
-
140
150
°C
Tj(AV)(warn2)
average junction temperature for
pre-warning 2
IB2[D3] = 1
-
120
130
°C
DC load detection levels: I2C-bus mode only[6]
Zth(load)
load detection threshold
impedance
for normal speaker; DB1[D4] = 0;
DB2[D4] = 0
--25
Ω
Zth(open)
open load detection threshold
impedance
DB1[D4] = 1; DB2[D4] = 1
350
-
-
Ω
AC load detection levels: I2C-bus mode only
Ith(o)det(load)AC
AC load detection output
threshold current
700
900
1100
mA
Start-up/shut-down/mute timing
twake
wake-up time
on pin EN before first I2C-bus
transmission is recognized
[4] -
-
500
µs
tdet(DCload)
DC load detection time
CON = 470 nF
[4] -
250
-
ms
td(stb-mute)
delay time from standby to mute
measured from amplifier enabling
to start of mute release (no DC
load detection); CSVR =47 µF
CON = 470 nF
-
140
-
ms
td(mute-fgain)
mute to full gain delay time
CON = 470 nF
[5] -15
-
ms
Table 19.
Static characteristics …continued
Vp = 14.4 V; fosc = 320 kHz; −40 °C < Tamb < +85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com