Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8599TH Datasheet(PDF) 40 Page - NXP Semiconductors

Part # TDF8599TH
Description  I2C-bus controlled dual channel 43 W/2 W single channel 85 W/1 W class-D power amplifier with load diagnostics
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599TH Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button TDF8599TH Datasheet HTML 36Page - NXP Semiconductors TDF8599TH Datasheet HTML 37Page - NXP Semiconductors TDF8599TH Datasheet HTML 38Page - NXP Semiconductors TDF8599TH Datasheet HTML 39Page - NXP Semiconductors TDF8599TH Datasheet HTML 40Page - NXP Semiconductors TDF8599TH Datasheet HTML 41Page - NXP Semiconductors TDF8599TH Datasheet HTML 42Page - NXP Semiconductors TDF8599TH Datasheet HTML 43Page - NXP Semiconductors TDF8599TH Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
TDF8599_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 13 November 2008
40 of 52
NXP Semiconductors
TDF8599
Class-D power amplifier with load diagnostics
14.7 Typical application schematics
Dual BTL mode (stereo) in non-I2C-bus mode with DC offset protection disabled Spread spectrum
mode enabled BD modulation.
(1) See Figure 4 on page 7 for a diagram of the connection for pins EN and SEL_MUTE.
(2) See Section 8.3.2 on page 9 for detailed information.
(3) See Section 8.5.5 on page 16 for detailed information on disabling DC offset protection.
Fig 41. Example application diagram for dual BTL in non-I2C-bus mode
001aai810
22
Ω
39 k
Ω
10 k
Ω
10 k
Ω
4.7 k
Ω
10
Ω
10
Ω
22
Ω
100
µF
35 V
100
µF
35 V
100 nF
15 nF
470 nF
100 nF
15 nF
470 pF
470 pF
470 pF
470 pF
CLC
CIN1P
470 nF
CIN1N
470 nF
CIN2P
470 nF
470 nF
100 nF
47
µF
CIN2N
LLC
LLC
CLC
100 nF
PGND1
PGND1
VP1
VP1
VP1
VP2
VPA
TDF8599
bead
bead
bead
bead
OUT1N
OUT1P
OUT1N
VP
GND
OUT1P
VSTAB1
GNDD/HW
33
32
31
30
29
28
34
35
36
25
24
23
22
21
20
19
26
27
4
5
6
7
8
9
3
2
1
12
13
14
15
16
17
18
11
10
BOOT1N
BOOT1P
VP1
PGND1
PGND1
PGND2
VDDD
1000
µF
35 V
100 nF
220 nF
VSTAB2
DCP
OSCIO
220 nF
22
Ω
10
Ω
10
Ω
22
Ω
100 nF
15 nF
100 nF
15 nF
470 pF
470 pF
470 pF
470 pF
CLC
LLC
LLC
CLC
100 nF
PGND2
VP2
VP2
PGND2
OUT2P
OUT2N
OUT2P
OUT2N
BOOT2P
BOOT2N
VP2
PGND2
IN2N
AGND
IN2P
IN1P
ACGND
SVRR
EN
SEL_MUTE
IN1N
IN2N
100 nF
100 nF
1
µF(2)
CACGND
enable(1)
mute/on(1)
IN2P
IN1P
IN1N
SCL
SSM
OSCSET
VDDA
SDA
VPA
VPA
VPA
BD modulation
setting
MASTER
MODE
non-I2C-bus
mode
ADS
DIAG
MOD
CLIP
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com