Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8599TH Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDF8599TH
Description  I2C-bus controlled dual channel 43 W/2 W single channel 85 W/1 W class-D power amplifier with load diagnostics
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599TH Datasheet(HTML) 3 Page - NXP Semiconductors

  TDF8599TH Datasheet HTML 1Page - NXP Semiconductors TDF8599TH Datasheet HTML 2Page - NXP Semiconductors TDF8599TH Datasheet HTML 3Page - NXP Semiconductors TDF8599TH Datasheet HTML 4Page - NXP Semiconductors TDF8599TH Datasheet HTML 5Page - NXP Semiconductors TDF8599TH Datasheet HTML 6Page - NXP Semiconductors TDF8599TH Datasheet HTML 7Page - NXP Semiconductors TDF8599TH Datasheet HTML 8Page - NXP Semiconductors TDF8599TH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
TDF8599_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 13 November 2008
3 of 52
NXP Semiconductors
TDF8599
Class-D power amplifier with load diagnostics
6.
Block diagram
Fig 1.
Block diagram
001aai766
PWM
CTRL
TDF8599
DRIVER
HIGH
STABI1
5 V STABI
STABI2
VP1
OUT1N
BOOT1P
OUT1P
OUT2N
BOOT2P
OUT2P
VSTAB2
33
VSTAB1
34
24
31
10
9
1
2
5
3
4
8
AGND
SVRR
IN1P
IN1N
ACGND
IN2P
IN2N
VP2
VP1
VDDA
32
29
28
23
22
26
27
PGND1
VP1
PGND1
+
DRIVER
LOW
PWM
CTRL
DRIVER
HIGH
DRIVER
LOW
BOOT1N
BOOT2N
PWM
CTRL
DRIVER
HIGH
VP2
PGND2
VP2
PGND2
DRIVER
LOW
PWM
CTRL
DRIVER
HIGH
DRIVER
LOW
OSCILLATOR
18
OSCSET
19
OSCIO
17
SSM
12
MOD
MODE
SELECT
+
I2C-BUS
DIAGNOSTICS
PROTECTIONS
OVP, OCP, OTP
UVP, TF, WP,DCP
GNDD/HW
CLIP DCP
6
EN
7
SEL_MUTE
16
SCL
15
SDA
11
36
DIAG
14
13
20
ADS
PGND1
30
PGND2
25
35
VDDD
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com