Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8599TH Datasheet(PDF) 16 Page - NXP Semiconductors

Part # TDF8599TH
Description  I2C-bus controlled dual channel 43 W/2 W single channel 85 W/1 W class-D power amplifier with load diagnostics
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599TH Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button TDF8599TH Datasheet HTML 12Page - NXP Semiconductors TDF8599TH Datasheet HTML 13Page - NXP Semiconductors TDF8599TH Datasheet HTML 14Page - NXP Semiconductors TDF8599TH Datasheet HTML 15Page - NXP Semiconductors TDF8599TH Datasheet HTML 16Page - NXP Semiconductors TDF8599TH Datasheet HTML 17Page - NXP Semiconductors TDF8599TH Datasheet HTML 18Page - NXP Semiconductors TDF8599TH Datasheet HTML 19Page - NXP Semiconductors TDF8599TH Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
TDF8599_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 13 November 2008
16 of 52
NXP Semiconductors
TDF8599
Class-D power amplifier with load diagnostics
8.5.4 Window protection
Window Protection (WP) checks the PWM output voltage before switching from Standby
mode to Mute mode (outputs switching) and is activated as follows:
• During the start-up sequence:
– When the TDF8599 is switched from standby to mute (td(stb-mute)). When a short
circuit on one of the output terminals (i.e. between VP and GND) is detected, the
start-up procedure is interrupted and the TDF8599 waits for open circuit outputs.
No large currents flow in the event of a short circuit to the supply lines because the
check is performed before the power stages are enabled.
• During operation:
–
A short to one of the supply lines activates OCP causing the amplifier channel to
shutdown. After 50 ms the amplifier channel restarts and WP is activated.
However, the corresponding amplifier channel will not start-up until the supply line
short circuit has been removed.
8.5.5 DC Protection
DC Protection (DCP) is activated when the DC content in the demodulated output voltage
exceeds a set threshold (typically 2 V). DCP is active in both Mute mode and Operating
mode. False triggering of the DCP by low frequencies in the audio signal is prevented
using the external capacitor (CF) to generate a cut-off frequency as shown in Figure 15.
Fig 15. DC offset protection and diagnostic output
001aai785
OUT1P
OUT1N
V to I
OUT2P
OUT2N
DCP
DIAG
switch off channels
IB1[D6]
IB2[D6]
V to I
Vref
SQ
DB1[D7]
IB1[D7]
IB2[D7]
S4
50 k
Ω
S3
CF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com