Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8599TH Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TDF8599TH
Description  I2C-bus controlled dual channel 43 W/2 W single channel 85 W/1 W class-D power amplifier with load diagnostics
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599TH Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDF8599TH Datasheet HTML 6Page - NXP Semiconductors TDF8599TH Datasheet HTML 7Page - NXP Semiconductors TDF8599TH Datasheet HTML 8Page - NXP Semiconductors TDF8599TH Datasheet HTML 9Page - NXP Semiconductors TDF8599TH Datasheet HTML 10Page - NXP Semiconductors TDF8599TH Datasheet HTML 11Page - NXP Semiconductors TDF8599TH Datasheet HTML 12Page - NXP Semiconductors TDF8599TH Datasheet HTML 13Page - NXP Semiconductors TDF8599TH Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
TDF8599_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 13 November 2008
10 of 52
NXP Semiconductors
TDF8599
Class-D power amplifier with load diagnostics
The spread spectrum frequency can be calculated using:
(2)
where the voltage on pin OSCSET = V1 and is calculated as 100 µA × Rosc (V) with
ISSM =5 µA.
The frequency swings between 0.95
× f
osc and 1.05 × fosc, see Figure 8.
8.3.3 Frequency hopping (Master mode)
Frequency hopping is a technique used to change the oscillator frequency for AM tuner
compatibility. In Master mode, the resistor connected between pin OSCSET and pin
AGND sets the oscillator frequency. In I2C-bus mode, this frequency can be varied by
10 % to 0.9
× f
osc or 1.1 × fosc using bit IB1[D3:D4]. See Figure 8.
8.3.4 Phase lock operation (Slave mode)
In Slave mode, phase lock operation can be used to reduce the jitter effects of the external
oscillator signal connected to pin OSCIO. Phase lock operation is also needed to enable
phase staggering, see Section 8.4.2. Phase lock operation is enabled when the oscillator
is in Slave mode by connecting two capacitors (CPLL_S and CPLL_p) and a resistor (RPLL)
between pin SSM and pin AGND (see Figure 9). Connecting pin SSM to pin AGND
disables phase lock operation and causes the slave to use the external oscillator signal
f
SSM
I
SSM
2C
SSM
×
V
1
×
10 %
×
------------------------------------------------------ Hz
[]
=
a. Off
b. On
Fig 7.
Spread spectrum mode
001aai773
100
µA
Rosc
SSM
Cosc
OSCSET
001aai774
100
µA
5
µA
ISSM
Rosc
SSM
Cosc
CSSM
OSCSET
Fig 8.
Spread spectrum operation in Master mode
001aai775
t (ms)
OSCIO
max(V)
min(V)
SSM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com