Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8599TH Datasheet(PDF) 36 Page - NXP Semiconductors

Part # TDF8599TH
Description  I2C-bus controlled dual channel 43 W/2 W single channel 85 W/1 W class-D power amplifier with load diagnostics
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599TH Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button TDF8599TH Datasheet HTML 32Page - NXP Semiconductors TDF8599TH Datasheet HTML 33Page - NXP Semiconductors TDF8599TH Datasheet HTML 34Page - NXP Semiconductors TDF8599TH Datasheet HTML 35Page - NXP Semiconductors TDF8599TH Datasheet HTML 36Page - NXP Semiconductors TDF8599TH Datasheet HTML 37Page - NXP Semiconductors TDF8599TH Datasheet HTML 38Page - NXP Semiconductors TDF8599TH Datasheet HTML 39Page - NXP Semiconductors TDF8599TH Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 52 page
background image
TDF8599_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 13 November 2008
36 of 52
NXP Semiconductors
TDF8599
Class-D power amplifier with load diagnostics
14.4 Speaker configuration and impedance
A flat-frequency response (due to a 2nd order Butterworth filter) is obtained by changing
the low-pass filter components (LLC, CLC) based on the speaker configuration and
impedance. Table 22 shows the required values.
Remark: When using a 1
Ω load impedance in Parallel mode, the outputs are shorted
after the low-pass filter switches two 2
Ω filters in parallel.
14.5 Heat sink requirements
In some applications, it may be necessary to connect an external heat sink to the
TDF8599. Thermal foldback activates at Tj = 145 °C. The expression below shows the
relationship between the maximum power dissipation before activation of thermal foldback
and the total thermal resistance from junction to ambient;
(7)
Pmax is determined by the efficiency (η) of the TDF8599. The efficiency measured as a
function of output power is given in Figure 39. The power dissipation can be derived as a
function of output power (see Figure 32).
Example 1:
• Vp = 14.4 V
• Po =2 × 25 W into 4 Ω (THD = 10 % continuous)
• Tj(max) = 140 °C
• Tamb =25 °C
• Pmax = 5.8 W (from Figure 39)
• The required Rth(j-a) = 115 °C/5.8W=19K/W
The total thermal resistance Rth(j-a) consists of:
• Rth(j-c) + Rth(c-h) + Rth(h-a)
Where:
• Thermal resistance from junction to case (Rth(j-c)) = 1.1 K/W
• Thermal resistance from case to heat sink (Rth(c-h)) = 0.5 − 1 K/W (depending on
mounting)
• Thermal resistance from heat sink to ambient (Rth(h-a)) would then be
19
− (1.1+1)=17K/W.
If an audio signal has a crest factor of 10 (the ratio between peak power and average
power = 10 dB) then Tj will be much lower.
Table 22.
Filter components values
Load impedance (
Ω)
LLC (µH)
CLC (µF)
1
2.5
4.4
2
5
2.2
410
1
R
th j
a
–
()
T
j max
()
T
amb
–
P
max
------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com