Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8599TH Datasheet(PDF) 32 Page - NXP Semiconductors

Part # TDF8599TH
Description  I2C-bus controlled dual channel 43 W/2 W single channel 85 W/1 W class-D power amplifier with load diagnostics
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599TH Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button TDF8599TH Datasheet HTML 28Page - NXP Semiconductors TDF8599TH Datasheet HTML 29Page - NXP Semiconductors TDF8599TH Datasheet HTML 30Page - NXP Semiconductors TDF8599TH Datasheet HTML 31Page - NXP Semiconductors TDF8599TH Datasheet HTML 32Page - NXP Semiconductors TDF8599TH Datasheet HTML 33Page - NXP Semiconductors TDF8599TH Datasheet HTML 34Page - NXP Semiconductors TDF8599TH Datasheet HTML 35Page - NXP Semiconductors TDF8599TH Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
TDF8599_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 13 November 2008
32 of 52
NXP Semiconductors
TDF8599
Class-D power amplifier with load diagnostics
13. Dynamic characteristics
[1]
RS(L) is the sum of the inductor series resistance from the low-pass LC filter in the application together with all resistance from PCB
traces or wiring between the output pin of the TDF8599 and the inductor to the measurement point. LC filter dimensioning is L = 10
µH,
C=1
µF is used and for 2 Ω load L = 5 µH, C = 2.2 µF for 4 Ω load.
[2]
Output power is measured indirectly based on RDSon measurement.
[3]
Total harmonic distortion is measured at the bandwidth of 22 Hz to 20 kHz, AES brick wall. The maximum limit is guaranteed but may
not be 100 % tested.
[4]
Vripple =Vripple(max) = 1 V RMS; Rs =0 Ω.
Table 21.
Dynamic characteristics
Vp = 14.4 V; RL =4 Ω; fi = 1 kHz; fosc = 320 kHz; RsL < 0.04 Ω[1]; −40 °C < Tamb < +85 °C; Stereo mode; unless otherwise
specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Po
output power
Stereo mode;
THD = 1 %; RL =4 Ω
[2] 18
20
-
W
THD = 10 %; RL =4 Ω
24
26
-
W
square wave (EIAJ); RL =4 Ω
-40
-
W
THD = 1 %; RL =2 Ω
29
32
-
W
THD = 10 %; RL =2 Ω
39
43
-
W
square wave (EIAJ); RL =2 Ω
-70
-
W
Parallel mode
THD = 10 %; RL =1 Ω
[2] -85
-
W
THD
total harmonic distortion
fi = 1 kHz; Po =1 W
[3] -
0.02
0.1
%
fi = 10 kHz; Po =1 W
[3] -
0.02
0.1
%
Gv(cl)
closed-loop voltage gain
25
26
27
dB
αcs
channel separation
fi = 1 kHz; Po = 1 W
-
70
-
dB
SVRR
supply voltage rejection ratio
Operating mode
fripple = 100 Hz
[4] -70
-
dB
fripple = 1 kHz
[4] -70
-
dB
Mute mode
fripple = 1 kHz
[4] -70
-
dB
off state and Standby mode
fripple = 1 kHz
[4] -90
-
dB
|Zi(dif)|
differential input impedance
60
100
150
k
Ω
Vn(o)
output noise voltage
Operating mode
BD mode
[5] -60
77
µV
AD mode
[5] -
100
140
µV
Mute mode
BD mode
[6] -25
32
µV
AD mode
[6] -
85
110
µV
αbal(ch)
channel balance
-
0
1
dB
αmute
mute attenuation
[7] 66
-
-
dB
CMRR
common mode rejection ratio
Vi(CM) = 1 V RMS
65
80
-
dB
ηpo
output power efficiency
Po = 20 W
-
90
-
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com