Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8599TH Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDF8599TH
Description  I2C-bus controlled dual channel 43 W/2 W single channel 85 W/1 W class-D power amplifier with load diagnostics
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599TH Datasheet(HTML) 5 Page - NXP Semiconductors

  TDF8599TH Datasheet HTML 1Page - NXP Semiconductors TDF8599TH Datasheet HTML 2Page - NXP Semiconductors TDF8599TH Datasheet HTML 3Page - NXP Semiconductors TDF8599TH Datasheet HTML 4Page - NXP Semiconductors TDF8599TH Datasheet HTML 5Page - NXP Semiconductors TDF8599TH Datasheet HTML 6Page - NXP Semiconductors TDF8599TH Datasheet HTML 7Page - NXP Semiconductors TDF8599TH Datasheet HTML 8Page - NXP Semiconductors TDF8599TH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
TDF8599_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 13 November 2008
5 of 52
NXP Semiconductors
TDF8599
Class-D power amplifier with load diagnostics
7.2 Pin description
Fig 3.
Heatsink down (top view) pin configuration TDF8599TD
TDF8599TD
IN1P
GNDD/HW
IN1N
VDDD
IN2P
VSTAB1
IN2N
OUT1N
ACGND
BOOT1N
EN
VP1
SEL_MUTE
PGND1
SVRR
BOOT1P
AGND
OUT1P
VDDA
OUT2P
001aai768
1
2
3
4
5
6
7
8
9
10
ADS
MOD
CLIP
DIAG
SDA
SCL
SSM
OSCSET
11
12
13
14
15
16
17
18
28
27
30
29
32
31
34
33
BOOT2P
PGND2
VP2
BOOT2N
OUT2N
VSTAB2
DCP
OSCIO
20
19
22
21
24
23
26
25
36
35
Table 3.
Pin description
Symbol
Pin
Type[1]
Description
IN1P
1
I
channel 1 positive audio input
IN1N
2
I
channel 1 negative audio input
IN2P
3
I
channel 2 positive audio input
IN2N
4
I
channel 2 negative audio input
ACGND
5
I
decoupling for input reference voltage
EN
6
I
enable input:
non-I2C-bus mode: switch between off and Mute mode
I2C-bus mode: off and Standby mode
SEL_MUTE
7
I
select mute or on (unmute)
SVRR
8
I
decoupling for internal half supply reference voltage
AGND
9
G
analog supply ground
VDDA
10
P
analog supply voltage
ADS
11
I
non-I2C-bus mode: connected to ground
I2C-bus mode: selection and address selection pin
MOD
12
I
modulation mode, phase shift and parallel mode select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com