Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8599TH Datasheet(PDF) 1 Page - NXP Semiconductors

Part # TDF8599TH
Description  I2C-bus controlled dual channel 43 W/2 W single channel 85 W/1 W class-D power amplifier with load diagnostics
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599TH Datasheet(HTML) 1 Page - NXP Semiconductors

  TDF8599TH Datasheet HTML 1Page - NXP Semiconductors TDF8599TH Datasheet HTML 2Page - NXP Semiconductors TDF8599TH Datasheet HTML 3Page - NXP Semiconductors TDF8599TH Datasheet HTML 4Page - NXP Semiconductors TDF8599TH Datasheet HTML 5Page - NXP Semiconductors TDF8599TH Datasheet HTML 6Page - NXP Semiconductors TDF8599TH Datasheet HTML 7Page - NXP Semiconductors TDF8599TH Datasheet HTML 8Page - NXP Semiconductors TDF8599TH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
1.
General description
The TDF8599 is a dual Bridge-Tied Load (BTL) car audio amplifier comprising an
NDMOST-NDMOST output stage based on SOI BCDMOS technology. Low dissipation
enables the TDF8599 high-efficiency, class-D amplifier to be used with a smaller heat sink
than those normally used with standard class-AB amplifiers.
The TDF8599 can operate in either non-I2C-bus mode or I2C-bus mode. When in I2C-bus
mode, DC load detection results and fault conditions can be easily read back from the
device. Up to five I2C-bus addresses can be selected when an external resistor is
connected to pin ADS.
When pin ADS is short circuited to ground, the TDF8599 operates in non-I2C-bus mode.
Switching between Operating mode and Mute mode in non-I2C-bus mode is only possible
using pins EN and SEL_MUTE.
2.
Features
I High-efficiency
I Low quiescent current
I Operating voltage from 8 V to 18 V
I Two 4 Ω/2 Ω capable BTL channels or one 1 Ω capable BTL channel
I Differential inputs
I Supports I2C-bus mode with five I2C-bus addresses or non-I2C-bus mode operation
I Clip detect
I Independent short circuit protection for each channel
I Advanced short circuit protection for load, GND and supply
I Load dump protection
I Thermal foldback and thermal protection
I DC offset protection
I Selectable AD or BD modulation
I Parallel channel mode for high current drive capability
I Advanced clocking:
N Switchable oscillator clock source: internal (master) or external (slave)
N Spread spectrum mode
N Phase staggering
N Frequency hopping
I No ‘pop noise’ caused by DC output offset voltage
TDF8599
I2C-bus controlled dual channel 43 W/2
Ω single channel
85 W/1
Ω class-D power amplifier with load diagnostics
Rev. 01 — 13 November 2008
Product data sheet


Similar Part No. - TDF8599TH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDF8599A NXP-TDF8599A Datasheet
346Kb / 54P
I2C-bus controlled dual channel 135 W/4 W, single channel 250 W/2 W class-D power amplifier with load diagnostics
Rev. 02-30 June 2009
TDF8599ATH NXP-TDF8599ATH Datasheet
346Kb / 54P
I2C-bus controlled dual channel 135 W/4 W, single channel 250 W/2 W class-D power amplifier with load diagnostics
Rev. 02-30 June 2009
TDF8599A PHILIPS-TDF8599A_15 Datasheet
520Kb / 55P
I2C-bus controlled dual channel 135 W/4 ?? single channel 250 W/2 ??class-D power amplifier with load diagnostics
Rev. 3-2 May 2013
TDF8599B NXP-TDF8599B Datasheet
339Kb / 54P
I2C-bus controlled dual channel 43 W/4 W, single channel 85 W/1 W class-D power amplifier with load diagnostics
Rev. 01-29 July 2009
TDF8599B NXP-TDF8599B Datasheet
569Kb / 54P
I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with load diagnostics
Rev. 2 ??23 August 2016
More results

Similar Description - TDF8599TH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TFA9842J PHILIPS-TFA9842J Datasheet
143Kb / 21P
2-channel audio amplifier; SE: 1 W to 7.5 W; BTL: 2 W to 15 W
Rev. 01-26 April 2004
TDF8599A NXP-TDF8599A Datasheet
346Kb / 54P
I2C-bus controlled dual channel 135 W/4 W, single channel 250 W/2 W class-D power amplifier with load diagnostics
Rev. 02-30 June 2009
TDF8599B NXP-TDF8599B Datasheet
339Kb / 54P
I2C-bus controlled dual channel 43 W/4 W, single channel 85 W/1 W class-D power amplifier with load diagnostics
Rev. 01-29 July 2009
TDA1566 NXP-TDA1566 Datasheet
299Kb / 46P
I2C-bus controlled dual channel 46 W/2 OHM, single channel 92 W/1 OHM amplifier
Rev. 02-20 August 2007
TDA1566 PHILIPS-TDA1566_15 Datasheet
299Kb / 46P
I2C-bus controlled dual channel 46 W/2 W, single channel 92 W/1 W amplifier with load diagnostic features
Rev. 02-20 August 2007
TDA8594 PHILIPS-TDA8594_15 Datasheet
469Kb / 49P
I2C-bus controlled 4 ??50 W power amplifier
Rev. 5-11 June 2013
TDA8595 PHILIPS-TDA8595_15 Datasheet
484Kb / 51P
I2C-bus controlled 4 ??45 W power amplifier
Rev. 5-11 June 2013
TDF8599A PHILIPS-TDF8599A_15 Datasheet
520Kb / 55P
I2C-bus controlled dual channel 135 W/4 ?? single channel 250 W/2 ??class-D power amplifier with load diagnostics
Rev. 3-2 May 2013
logo
Texas Instruments
TAS6421-Q1 TI1-TAS6421-Q1 Datasheet
570Kb / 5P
75-W, 2-MHz Digital Input 1-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
logo
NXP Semiconductors
TDF8599B NXP-TDF8599B_V01 Datasheet
569Kb / 54P
I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with load diagnostics
Rev. 2 ??23 August 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com