Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8599TH Datasheet(PDF) 12 Page - NXP Semiconductors

Part # TDF8599TH
Description  I2C-bus controlled dual channel 43 W/2 W single channel 85 W/1 W class-D power amplifier with load diagnostics
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599TH Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button TDF8599TH Datasheet HTML 8Page - NXP Semiconductors TDF8599TH Datasheet HTML 9Page - NXP Semiconductors TDF8599TH Datasheet HTML 10Page - NXP Semiconductors TDF8599TH Datasheet HTML 11Page - NXP Semiconductors TDF8599TH Datasheet HTML 12Page - NXP Semiconductors TDF8599TH Datasheet HTML 13Page - NXP Semiconductors TDF8599TH Datasheet HTML 14Page - NXP Semiconductors TDF8599TH Datasheet HTML 15Page - NXP Semiconductors TDF8599TH Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
TDF8599_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 13 November 2008
12 of 52
NXP Semiconductors
TDF8599
Class-D power amplifier with load diagnostics
In non-I2C-bus mode pin MOD is used to select:
1. AD or BD modulation type (see Section 8.4.1).
2. 1
⁄
2 π phase shift when oscillator is used in Slave mode (see Section 8.4.2).
3. Parallel mode operation (see Section 8.4.3).
In I2C-bus mode, pin MOD can only select Parallel mode. In addition, the modulation type
and phase shift are programmed using I2C-bus commands.
The information on pin MOD is latched when one of the TDF8599 outputs starts switching
to avoid incorrect information on pin MOD caused by disturbances of switching amplifier
outputs.
8.4.1 Modulation mode
In non-I2C-bus mode, pin MOD is used to select either AD or BD modulation mode. In
I2C-bus mode, the modulation mode is selected using an I2C-bus command.
• AD modulation mode: the bridge halves switch in opposite phase.
• BD modulation mode: the bridge halves switch in phase but the input signal for the
modulators is inverted.
Figure 10, Figure 11 and Figure 12 show simplified representations of AD and BD
modulation.
Table 8.
Operation mode selection with the MOD pin
RMOD (kΩ)
I2C-bus mode
Non-I2C-bus mode
0 (short to GND) Stereo mode
AD modulation: no phase shift in Slave mode
4.7
BD modulation: no phase shift in Slave mode
13
AD modulation: 1
⁄
2 π phase shift in Slave mode
33
BD modulation: 1
⁄
2 π phase shift in Slave mode
100
Parallel mode
AD modulation: no phase shift in Slave mode
∞ (open)
BD modulation: no phase shift in Slave mode
Fig 10. AD/BD modulation switching circuit
001aai778
+VP
OUTP
AD
BD
INxP
INxN
OUTN
+VP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com