Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8599TH Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDF8599TH
Description  I2C-bus controlled dual channel 43 W/2 W single channel 85 W/1 W class-D power amplifier with load diagnostics
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599TH Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDF8599TH Datasheet HTML 3Page - NXP Semiconductors TDF8599TH Datasheet HTML 4Page - NXP Semiconductors TDF8599TH Datasheet HTML 5Page - NXP Semiconductors TDF8599TH Datasheet HTML 6Page - NXP Semiconductors TDF8599TH Datasheet HTML 7Page - NXP Semiconductors TDF8599TH Datasheet HTML 8Page - NXP Semiconductors TDF8599TH Datasheet HTML 9Page - NXP Semiconductors TDF8599TH Datasheet HTML 10Page - NXP Semiconductors TDF8599TH Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
TDF8599_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 13 November 2008
7 of 52
NXP Semiconductors
TDF8599
Class-D power amplifier with load diagnostics
The TDF8599 includes integrated common circuits for all channels such as the oscillator,
all reference sources, mode functionality and a digital timing manager. In addition, the
built-in protection includes thermal foldback, temperature, overcurrent and overvoltage
(load dump).
The TDF8599 operates in either I2C-bus mode or non-I2C-bus mode. In I2C-bus mode,
DC load detection, frequency hopping and extended configurability are provided together
with enhanced diagnostic information.
8.2 Mode selection
The mode pins EN and SEL_MUTE enable mute state, I2C-bus mode and Operating
mode switching.
Pin SEL_MUTE is used to mute and demute the device and must be connected to an
external capacitor. This capacitor generates a time constant which is used to ensure
smooth fade-in and fade-out of the input signal.
When pin EN is LOW, the TDF8599 is off and the supply current is at its lowest value
(typically 2
µA). When off, the TDF8599 is completely deactivated and will not react to
I2C-bus commands. The TDF8599 is enabled when pin EN is HIGH.
A resistor connected between pin ADS and ground determines if the TDF8599 is in
I2C-bus mode or in non-I2C-bus mode (see Section 9). I2C-bus mode is selected by
leaving the connection between pin ADS and pin GND open. In I2C-bus mode with pin EN
HIGH, the TDF8599 is in Standby mode and will wait for further commands.
Non-I2C-bus mode is selected by connecting pin ADS to pin GND. In non-I2C-bus mode,
the default TDF8599 state is Mute mode. The amplifiers switch idle (50 % duty cycle) and
the audio signal is suppressed at the output. In addition, the capacitor (CSVRR) is charged
to half the supply voltage. To enter Operating mode, pin SEL_MUTE must be released
(see Figure 4) and capacitor (CON) charged by an internal pull-up.
I2C-bus mode and non-I2C-bus mode control are described in Table 4 and Table 5.
Switches S1 and S2 are illustrated in Figure 4.
a. non-I2C-bus mode
b. I2C-bus mode
Fig 4.
Mode selection
001aai769
SEL_MUTE
EN
3.3 V
CON
S1
S2
TDF8599
001aai770
SEL_MUTE
EN
3.3 V
CON
S2
TDF8599



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com