Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8599TH Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDF8599TH
Description  I2C-bus controlled dual channel 43 W/2 W single channel 85 W/1 W class-D power amplifier with load diagnostics
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599TH Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDF8599TH Datasheet HTML 5Page - NXP Semiconductors TDF8599TH Datasheet HTML 6Page - NXP Semiconductors TDF8599TH Datasheet HTML 7Page - NXP Semiconductors TDF8599TH Datasheet HTML 8Page - NXP Semiconductors TDF8599TH Datasheet HTML 9Page - NXP Semiconductors TDF8599TH Datasheet HTML 10Page - NXP Semiconductors TDF8599TH Datasheet HTML 11Page - NXP Semiconductors TDF8599TH Datasheet HTML 12Page - NXP Semiconductors TDF8599TH Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
TDF8599_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 13 November 2008
9 of 52
NXP Semiconductors
TDF8599
Class-D power amplifier with load diagnostics
The value of the resistor Rosc sets the carrier frequency based on the following formula:
(1)
In Master mode, Spread spectrum mode and frequency hopping can be enabled. In Slave
mode, phase staggering and phase lock operation can be selected. An external clock can
be used as the master-clock on pin OSCIO of the slave devices. When using an external
clock it must remain active during the shutdown sequence to ensure that all devices are
switched off and able to enter the off state as described in Section 8.2.
8.3.2 Spread spectrum mode (Master mode)
Spread spectrum mode is a technique of modulating the oscillator frequency with a slow
varying signal to broaden the switching spectrum, thereby reducing the spectral density of
the EMI. Connecting a capacitor (CSSM) to pin SSM enables Spread spectrum mode (see
Figure 7). When pin SSM is connected to pin AGND, Spread spectrum mode is disabled.
The capacitor on pin SSM (CSSM) sets the spreading frequency when Spread spectrum
mode is active. The current (ISSM) flowing in and out of pin SSM is typically 5 µA. This
gives a triangular voltage on pin SSM that sweeps around the voltage set by pin OSCSET
± 5 %. The voltage on pin SSM is used to modulate the oscillator frequency.
Fig 5.
Oscillator frequency as function of Rosc
Fig 6.
Master and slave configuration
f
osc
12.45
10
9
×
R
osc
---------------------------- Hz
[]
=
fosc (kHz)
300
500
450
350
400
001aai771
20
30
10
40
50
Rosc
(k
Ω)
0
001aai772
OSCSET
OSCIO
Master
Cosc
R
fosc
Rosc
TDF8599
OSCSET
OSCIO
Slave 1
TDF8599
OSCSET
OSCIO
Slave 2
TDF8599



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com