Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8599TH Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDF8599TH
Description  I2C-bus controlled dual channel 43 W/2 W single channel 85 W/1 W class-D power amplifier with load diagnostics
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599TH Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDF8599TH Datasheet HTML 9Page - NXP Semiconductors TDF8599TH Datasheet HTML 10Page - NXP Semiconductors TDF8599TH Datasheet HTML 11Page - NXP Semiconductors TDF8599TH Datasheet HTML 12Page - NXP Semiconductors TDF8599TH Datasheet HTML 13Page - NXP Semiconductors TDF8599TH Datasheet HTML 14Page - NXP Semiconductors TDF8599TH Datasheet HTML 15Page - NXP Semiconductors TDF8599TH Datasheet HTML 16Page - NXP Semiconductors TDF8599TH Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
TDF8599_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 13 November 2008
13 of 52
NXP Semiconductors
TDF8599
Class-D power amplifier with load diagnostics
8.4.2 Phase staggering (Slave mode)
In Slave mode with phase lock operation enabled, a phase shift with respect to the
incoming clock signal can be selected to distribute the switching moments over time. In
non-I2C-bus mode, 1
⁄
2 π phase shift can be programmed using pin MOD. In I
2C-bus mode,
five different phase shifts (1
⁄
4 π,
1
⁄
3 π,
1
⁄
2 π,
2
⁄
3 π,
3
⁄
4 π) can be selected using the I
2C-bus
bits (IB3[D1:D3]). See Figure 9 for selection of the phase shift in non-I2C-bus mode with
pin MOD. An additional capacitor must be connected to pin SSM when 1
⁄
4 π phase shift is
used (see Figure 9). An example of using 1
⁄
2 π phase shift for BD modulation is shown in
Figure 13.
a. Bridge half 1.
b. Bridge half 2 switched in the opposite phase to bridge half 1.
Fig 11. AD modulation
a. Phase switching cycle.
b. Inverted signal to the modulator.
Fig 12. BD modulation
001aai779
INxP
OUTxP
001aai780
INxN
OUTxN
001aai781
INxP
OUTxP
OUTxP, OUTxN
001aai782
INxN
OUTxN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com