Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2000P-CZZ Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS2000P-CZZ
Description  Fractional-N Clock Synthesizer & Clock Multiplier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS2000P-CZZ Datasheet(HTML) 5 Page - Cirrus Logic

  CS2000P-CZZ Datasheet HTML 1Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 2Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 3Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 4Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 5Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 6Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 7Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 8Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
CS2000-OTP
DS758PP1
5
2. TYPICAL CONNECTION DIAGRAM
2
1
GND
M2
M1
XTI/REF_CLK
Frequency Reference
CLK_IN
XTO
CLK_OUT
AUX_OUT
0.1 µF
VD
+3.3 V
M0
Low-Jitter
Timing Reference
System Microcontroller
1 µF
1
or
2
REF_CLK
XTO
XTI
XTO
or
40 pF
x
40 pF
Crystal
To circuitry which requires
a low-jitter clock
N.C.
To other circuitry or
Microcontroller
Figure 1. Typical Connection Diagram
CS2000-OTP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com