Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2000P-CZZ Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS2000P-CZZ
Description  Fractional-N Clock Synthesizer & Clock Multiplier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS2000P-CZZ Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS2000P-CZZ Datasheet HTML 20Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 21Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 22Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 23Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 24Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 25Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 26Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 27Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
CS2000-OTP
24
DS758PP1
6.1.2
Auxiliary Output Source Selection (AuxOutSrc[1:0])
Selects the source of the AUX_OUT signal.
Note:
When set to 11, the AuxLockCfg global parameter sets the polarity and driver type (“AUX PLL
Lock Output Configuration (AuxLockCfg)” on page 25).
6.1.3
Auto R-Modifier Enable (AutoRMod)
Controls the automatic ratio modifier function.
6.1.4
Lock Clock Ratio (LockClk[1:0])
Selects one of the four stored User Defined Ratios for use in the dynamic ratio based Hybrid PLL Mode.
Note:
The User Defined Ratio for the static ratio based Frequency Synthesizer mode is the ratio that
corresponds with the currently chosen configuration set as shown in Figure 16 on page 23.
6.1.5
Fractional-N Source for Frequency Synthesizer (FracNSrc)
Selects static or dynamic ratio mode when auto clock switching is disabled.
6.2
Ratio 0 - 3
The four 32-bit User Defined Ratios are stored in the CS2000’s one time programmable memory. See “Out-
put to Input Frequency Ratio Configuration” on page 14 and “Calculating the User Defined Ratio” on
page 27 for more details.
AuxOutSrc[1:0]
Auxiliary Output Source
00
RefClk.
01
CLK_IN.
10
CLK_OUT.
11
PLL Lock Status Indicator.
Application:
“Auxiliary Output” on page 19
AutoRMod
Automatic R-Mod State
0
Disabled.
1
Enabled.
Application:
“Automatic Ratio Modifier (Auto R-Mod) - Hybrid PLL Mode Only” on page 15
LockClk[1:0]
CLK_IN Ratio Selection
00
Ratio 0.
01
Ratio 1.
10
Ratio 2.
11
Ratio 3.
Application:
Section 5.4.2 on page 14
FracNSrc
Fractional-N Source Selection
0
Static Ratio directly from REFF for Frequency Synthesizer Mode
1
Dynamic Ratio from Digital PLL for Hybrid PLL Mode
Application:
“Fractional-N Source Selection” on page 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com