Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2000P-CZZ Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS2000P-CZZ
Description  Fractional-N Clock Synthesizer & Clock Multiplier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS2000P-CZZ Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS2000P-CZZ Datasheet HTML 21Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 22Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 23Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 24Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 25Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 26Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 27Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 28Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
CS2000-OTP
DS758PP1
25
6.3
Global Configuration Parameters
6.3.1
Clock Skip Enable (ClkSkipEn)
This parameter enables clock skipping mode for the PLL and allows the PLL to maintain lock even when
the CLK_IN has missing pulses.
Note:
fCLK_IN must be < 80 kHz to use this feature.
6.3.2
AUX PLL Lock Output Configuration (AuxLockCfg)
When the AUX_OUT pin is configured as a lock indicator (AuxOutSrc[1:0] modal parameter = ‘11’), this
global parameter configures the AUX_OUT driver to either push-pull or open drain. It also determines the
polarity of the lock signal. If AUX_OUT is configured as a clock output, the state of this parameter is dis-
regarded.
Note:
AUX_OUT is an unlock indicator, signalling an error condition when the PLL is unlocked. There-
fore, the pin polarity is defined relative to the unlock condition.
6.3.3
Reference Clock Input Divider (RefClkDiv[1:0])
Selects the input divider for the timing reference clock.
6.3.4
Enable PLL Clock Output on Unlock (ClkOutUnl)
Defines the state of the PLL output during the PLL unlock condition.
ClkSkipEn
PLL Clock Skipping Mode
0
Disabled.
1
Enabled.
Application:
“CLK_IN Skipping Mode” on page 11
AuxLockCfg
AUX_OUT Driver Configuration
0
Push-Pull, Active High (output ‘high’ for unlocked condition, ‘low’ for locked condition).
1
Open Drain, Active Low (output ‘low’ for unlocked condition, high-Z for locked condition).
Application:
“Auxiliary Output” on page 19
RefClkDiv[1:0]
Reference Clock Input Divider
REF_CLK Frequency Range
00
÷ 4.
32 MHz to 75 MHz (50 MHz with XTI)
01
÷ 2.
16 MHz to 37.5 MHz
10
÷ 1.
8 MHz to 18.75 MHz
11
Reserved.
Application:
“Internal Timing Reference Clock Divider” on page 10
ClkOutUnl
Clock Output Enable Status
0
Clock outputs are driven ‘low’ when PLL is unlocked.
1
Clock outputs are always enabled (results in unpredictable output when PLL is unlocked).
Application:
“PLL Clock Output” on page 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com