Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2000P-CZZ Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS2000P-CZZ
Description  Fractional-N Clock Synthesizer & Clock Multiplier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS2000P-CZZ Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS2000P-CZZ Datasheet HTML 16Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 17Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 18Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 19Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 20Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 21Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 22Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 23Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
CS2000-OTP
20
DS758PP1
5.7
Mode Pin Functionality
5.7.1
M1 and M0 Mode Pin Functionality
M[1:0] determine the functional mode of the device and select both the default User Defined Ratio and
the set of modal parameters. The modal parameters are RModSel[1:0], AuxOutSrc[1:0], AutoRMod, Lock-
Clk[1:0], and FracNSrc. By modifying one or more of the modal parameters between the 4 sets, different
functional configurations can be achieved. However, global parameters are fixed and the same value will
be applied to each functional configuration. Figure 16 on page 23 provides a summary of all parameters
used by the device.
5.7.2
M2 Mode Pin Functionality
M2 usage is mapped to one of the optional special functions via the M2Config[2:0] global parameter. De-
pending on what M2 is mapped to, it will either act as an output enable/disable pin or override certain mod-
al parameters. Figure 15 summarizes the available options and the following sections will describe each
option in more detail.
Figure 15. M2 Mapping Options
5.7.2.1
M2 Configured as Output Disable
If M2Config[2:0] is set to either ‘000’, ‘001’, or ‘010’, M2 becomes an output disable pin for one or
both output pins. If M2 is driven ‘low’, the corresponding output(s) will be enabled, if M2 is driven
‘high’, the corresponding output(s) will be disabled.
5.7.2.2
M2 Configured as R-Mod Enable
If M2Config[2:0] is set to ‘011’, M2 becomes the R-Mod enable pin. It should be noted that M2 is
the only way to enable R-Mod. Even though the RModSel[1:0] modal parameter can be set arbi-
trarily for each configuration set, it will not take effect unless enabled via M2. If M2 is driven ‘low’,
R-Mod will be disabled, if M2 is driven ‘high’ R-Mod will be enabled.
M2 pin
Disable CLK_OUT and AUX_OUT pins
Disable AUX_OUT pin
Disable CLK_OUT pin
RModSel[1:0] Modal Parameter Enable
Force AuxOutSel[1:0] = 10 (PLL Clock Out)
AutoRMod Modal Parameter Override
Force Manual Fractional N Source Selection
M2Config[2:0] global parameter
000
001
010
011
100
101
110
111
FracNSrc Modal Parameter Override



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com