Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2000P-CZZ Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS2000P-CZZ
Description  Fractional-N Clock Synthesizer & Clock Multiplier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS2000P-CZZ Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS2000P-CZZ Datasheet HTML 12Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 13Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 14Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 15Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 16Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 17Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 18Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 19Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
CS2000-OTP
16
DS758PP1
It is important to note that Auto R-Mod (if enabled) is applied in addition to any R-Mod already selected
by the RModSel[1:0] modal parameter and is used to calculate the Effective Ratio (see Section 5.4.5 on
page 16).
Auto R-Mod can be used to generate the appropriate oversampling clock (MCLK) for audio A/D and D/A
converters. For example, if the clock applied to CLK_IN is the audio sample rate, Fs (also known as the
word, frame or Left/Right clock), and SysClk is 12.288 MHz (REF_CLK = 12.288 MHz with RefClkDiv[1:0]
set to ‘10’), FsDetect[1:0] would then reflect the frequency range of the audio sample rate. An RUD of 512
generates the audio oversampling clocks as shown in Table 4.
Table 4. Example Audio Oversampling Clock Generation from CLK_IN
5.4.5
Effective Ratio (REFF)
The Effective Ratio (REFF) is an internal calculation comprised of RUD and the appropriate modifiers, as
previously described. REFF is calculated as follows:
Frequency Synthesizer (Static Ratio) Mode: REFF = RUD
• R-Mod
Hybrid PLL (Dynamic Ratio) Mode: REFF = RUD • R-Mod • Auto R-Mod
To simplify operation the device handles some of the ratio calculation functions automatically (such as
when the internal timing reference clock divider is set). For this reason, the Effective Ratio does not need
to be altered to account for internal dividers.
Ratio modifiers which would produce an overflow or truncation of REFF should not be used. In all cases,
the maximum and minimum allowable values for REFF are dictated by the frequency limits for both the
input and output clocks as shown in the “AC Electrical Characteristics” on page 7.
Selection of the user defined ratio from the four stored ratios is made by using the M[1:0] pins unless auto
clock switching is enabled in which case the LockClk[1:0] modal parameter also selects the ratio (see
“Fractional-N Source Selection” on page 16).
5.4.6
Fractional-N Source Selection
To select between the static ratio based Frequency Synthesizer Mode and the dynamic ratio based Hybrid
PLL Mode, the source for the fractional-N value for the Frequency Synthesizer must be changed. The
Fractional-N value can either be sourced directly from the Effective Ratio (static ratio) or from the output
of the Digital PLL (dynamic ratio) (see Figure 12 on page 18). The setting of this function can be made
manual or automatically depending on the presence of CLK_IN.
FsDetect[1:0]
Inferred Audio Sample Rate
when SysClk = 12.288 MHz
Speed Mode (used for
audio converters)
Audio Oversampling
Clock
00
< 54.8 kHz
Single Speed
512 x
01
54.8 kHz to 128 kHz
Double Speed
256 x
10
> 128 kHz
Quad Speed
128 x
Referenced Control
Parameter Definition
Ratio 0-3................................“Ratio 0 - 3” on page 24
RModSel[1:0] ........................“R-Mod Selection (RModSel[1:0])” section on page 23
AutoRMod .............................“Auto R-Modifier Enable (AutoRMod)” on page 24
M2Config[2:0]........................“M2 Pin Configuration (M2Config[2:0])” on page 26
Referenced Control
Parameter Definition
M[1:0] pins.............................“M1 and M0 Mode Pin Functionality” on page 20
LockClk[1:0] ..........................“Lock Clock Ratio (LockClk[1:0])” section on page 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com