Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2000P-CZZ Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS2000P-CZZ
Description  Fractional-N Clock Synthesizer & Clock Multiplier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS2000P-CZZ Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS2000P-CZZ Datasheet HTML 15Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 16Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 17Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 18Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 19Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 20Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 21Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 22Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
CS2000-OTP
DS758PP1
19
5.5
PLL Clock Output
The PLL clock output pin (CLK_OUT) provides a buffered version of the output of the frequency synthesizer.
The driver can be set to high-impedance with the M2 pin when the M2Config[1:0] global parameter is set to
either 000 or 010. The output from the PLL automatically drives a static low condition while the PLL is un-
locked (when the clock may be unreliable). This feature can be disabled by setting the ClkOutUnl global
parameter, however the state CLK_OUT may then be unreliable during an unlock condition.
Figure 13. PLL Clock Output Options
5.6
Auxiliary Output
The auxiliary output pin (AUX_OUT) can be mapped, as shown in Figure 14, to one of four signals: refer-
ence clock (RefClk), input clock (CLK_IN), additional PLL clock output (CLK_OUT), or a PLL lock indicator
(Lock). The mux is controlled via the AuxOutSrc[1:0] modal parameter. If AUX_OUT is set to Lock, the Aux-
LockCfg global parameter is then used to control the output driver type and polarity of the LOCK signal (see
section 6.3.2 on page 25). If AUX_OUT is set to CLK_OUT, the phase of the PLL Clock Output signal on
AUX_OUT may differ from the CLK_OUT pin. The driver for the pin can be set to high-impedance using the
M2 pin when the M2Config[1:0] global parameter is set to either 001 or 010.
Figure 14. Auxiliary Output Selection
Referenced Control
Parameter Definition
ClkOutUnl..............................“Enable PLL Clock Output on Unlock (ClkOutUnl)” on page 25
ClkOutDis ..............................“M2 Configured as Output Disable” on page 20
M2Config[2:0]........................“M2 Pin Configuration (M2Config[2:0])” on page 26
Referenced Control
Parameter Definition
AuxOutSrc[1:0]......................“Auxiliary Output Source Selection (AuxOutSrc[1:0])” on page 24
AuxOutDis .............................“M2 Configured as Output Disable” on page 20
AuxLockCfg...........................“AUX PLL Lock Output Configuration (AuxLockCfg)” section on page 25
M2Config[2:0]........................“M2 Pin Configuration (M2Config[2:0])” on page 26
PLL Locked/Unlocked
PLL Output
2:1 Mux
M2 pin with
M2Config[1:0] = 000, 010
2:1 Mux
ClkOutUnl
0
PLL Clock Output Pin
(CLK_OUT)
0
1
0
1
PLL Clock Output
PLLClkOut
Frequency Reference Clock
(CLK_IN)
PLL Lock/Unlock Indication
(Lock)
Timing Reference Clock
(RefClk)
PLL Clock Output
(PLLClkOut)
4:1 Mux
Auxiliary Output Pin
(AUX_OUT)
AuxOutSrc[1:0]
AuxLockCfg
M2 pin with
M2Config[1:0] = 001, 010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com