Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2000P-CZZ Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS2000P-CZZ
Description  Fractional-N Clock Synthesizer & Clock Multiplier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS2000P-CZZ Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS2000P-CZZ Datasheet HTML 22Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 23Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 24Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 25Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 26Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 27Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 28Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 29Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 30Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
CS2000-OTP
DS758PP1
27
7. CALCULATING THE USER DEFINED RATIO
Note: The software for use with the evaluation kit has built in tools to aid in calculating and converting the User
Defined Ratio. This section is for those who would like to know more about how the User Defined Ratio is
calculated and stored.
Most calculators do not interpret the fixed point binary representation which the CS2000-OTP uses to define the
output to input clock ratio (see Section 5.4.1 on page 14); However, with a simple conversion we can use these tools
to generate a binary or hex value for Ratio0-3 to be stored in one time programmable memory. Please see “Program-
ming Information” on page 28 for more details on programming.
7.1
High Resolution 12.20 Format
To calculate the User Defined Ratio (RUD) to store in the register(s), divide the desired output clock frequen-
cy by the given input clock (CLK_IN or RefClk). Then multiply the desired ratio by the scaling factor of 220
to get the scaled decimal representation; then use the decimal to binary/hex conversion function on a cal-
culator and write to the register. A few examples have been provided in Table 5.
Table 5. Example 12.20 R-Values
7.2
High Multiplication 20.12 Format
To calculate the User Defined Ratio (RUD) to store in the register(s), divide the desired output clock frequen-
cy by the given input clock (CLK_IN). Then multiply the desired ratio by the scaling factor of 212 to get the
scaled decimal representation; then use the decimal to binary/hex conversion function on a calculator and
write to the register. A few examples have been provided in Table 6.
Table 6. Example 20.12 R-Values
Desired Output to Input Clock Ratio
(output clock/input clock)
Scaled Decimal
Representation =
(output clock/input clock)
• 220
Hex Representation of
Binary RUD
12.288 MHz/10 MHz=1.2288
1288490
00 13 A9 2A
11.2896 MHz/44.1 kHz=256
268435456
10 00 00 00
Desired Output to Input Clock Ratio
(output clock/input clock)
Scaled Decimal
Representation =
(output clock/input clock)
• 212
Hex Representation of
Binary RUD
12.288 MHz/60 Hz=204,800
838860800
32 00 00 00
11.2896 MHz/59.97 Hz =188254.127...
771088904
2D F5 E2 08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com