Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2000P-CZZ Datasheet(PDF) 26 Page - Cirrus Logic

Part # CS2000P-CZZ
Description  Fractional-N Clock Synthesizer & Clock Multiplier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS2000P-CZZ Datasheet(HTML) 26 Page - Cirrus Logic

Back Button CS2000P-CZZ Datasheet HTML 22Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 23Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 24Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 25Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 26Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 27Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 28Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 29Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 30Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
CS2000-OTP
26
DS758PP1
6.3.5
Low-Frequency Ratio Configuration (LFRatioCfg)
Determines how to interpret the currently indexed 32-bit User Defined Ratio when the dynamic ratio based
Hybrid PLL Mode is selected (either manually or automatically, see section 5.4.6 on page 16).
Note:
When the static ratio based Frequency Synthesizer Mode is selected (either manually or auto-
matically), the currently indexed User Defined Ratio will always be interpreted as a 12.20 fixed point value,
regardless of how this parameter is set.
6.3.6
M2 Pin Configuration (M2Config[2:0])
Controls which special function is mapped to the M2 pin
.
6.3.7
Clock Input Bandwidth (ClkIn_BW[2:0])
Sets the minimum loop bandwidth when locked to CLK_IN.
LFRatioCfg
Ratio Bit Encoding Interpretation when Input Clock Source is CLK_IN
0
20.12 - High Multiplier.
1
12.20 - High Accuracy.
Application:
“User Defined Ratio (RUD), Frequency Synthesizer Mode” on page 14
M2Config[2:0]
M2 pin function
000
Disable CLK_OUT pin.
001
Disable AUX_OUT pin.
010
Disable CLK_OUT and AUX_OUT.
011
RModSel[1:0] Modal Parameter Enable.
100
Force Manual Fractional N Source Selection.
101
AutoRMod Modal Parameter Override.
110
FracNSrc Modal Parameter Override
111
Force AuxOutSrc[1:0] = 10 (PLL Clock Out).
Application:
“M2 Mode Pin Functionality” on page 20
ClkIn_BW[2:0]
Minimum Loop Bandwidth
000
1 Hz
001
2 Hz
010
4 Hz
011
8 Hz
100
16 Hz
101
32 Hz
110
64 Hz
111
128 Hz
Application:
“Adjusting the Minimum Loop Bandwidth for CLK_IN” on page 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com