Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2000P-CZZ Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS2000P-CZZ
Description  Fractional-N Clock Synthesizer & Clock Multiplier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS2000P-CZZ Datasheet(HTML) 1 Page - Cirrus Logic

  CS2000P-CZZ Datasheet HTML 1Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 2Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 3Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 4Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 5Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 6Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 7Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 8Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Copyright
© Cirrus Logic, Inc. 2008
(All Rights Reserved)
http://www.cirrus.com
Preliminary Product Information This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
Fractional-N Clock Synthesizer & Clock Multiplier
Features
Delta-Sigma Fractional-N Frequency Synthesis
– Generates a Low Jitter 6 - 75 MHz Clock
from an 8 - 75 MHz Reference Clock
Clock Multiplier / Jitter Reduction
– Generates a Low Jitter 6 - 75 MHz Clock
from a Jittery or Intermittent 50 Hz to
30 MHz Clock Source
Highly Accurate PLL Multiplication Factor
– Maximum Error Less Than 1 PPM in High-
Resolution Mode
One-Time Programmability
– Configurable Hardware Control Pins
– Configurable Auxiliary Output
Flexible Sourcing of Reference Clock
– External Oscillator or Clock Source
– Supports Inexpensive Local Crystal
Minimal Board Space Required
– No External Analog Loop-filter
Components
General Description
The CS2000-OTP is an extremely versatile system
clocking device that utilizes a programmable phase lock
loop. The CS2000-OTP is based on a hybrid analog-
digital PLL architecture comprised of a unique combina-
tion
of
a
Delta-Sigma
Fractional-N
Frequency
Synthesizer and a Digital PLL. This architecture allows
for both frequency synthesis/clock generation from a
stable reference clock as well as generation of a low-jit-
ter clock relative to an external noisy synchronization
clock with frequencies as low as 50 Hz. The CS2000-
OTP has many configuration options which are set once
prior to runtime. At runtime there are three hardware
configuration pins available for mode and feature
selection.
The CS2000-OTP is available in a 10-pin MSOP pack-
age in Commercial (-10°C to +70°C) grade. Customer
development kits are also available for custom device
prototyping, small production programming, and device
evaluation. Please see “Ordering Information” on
page 30 for complete details.
Hardware Configuration
Auxiliary
Output
6 to 75 MHz
PLL Output
Frequency Reference
3.3 V
Hardware Control
8 MHz to 75 MHz
Low-Jitter Timing Reference
Fractional-N
Frequency Synthesizer
Digital PLL & Fractional
N Logic
Output to Input
Clock Ratio
N
Timing Reference
PLL Output
Lock Indicator
50 Hz to 30 MHz
Frequency Reference
Output to Input
Clock Ratio
JUN '08
DS758PP1
CS2000-OTP


Similar Part No. - CS2000P-CZZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS2000P-CZZ CIRRUS-CS2000P-CZZ Datasheet
260Kb / 30P
Fractional-N Clock Synthesizer & Clock Multiplier
CS2000P-CZZR CIRRUS-CS2000P-CZZR Datasheet
260Kb / 30P
Fractional-N Clock Synthesizer & Clock Multiplier
More results

Similar Description - CS2000P-CZZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS2000-CP CIRRUS-CS2000-CP Datasheet
447Kb / 36P
Fractional-N Clock Synthesizer & Clock Multiplier
CS2100-CP CIRRUS-CS2100-CP Datasheet
412Kb / 32P
Fractional-N Clock Multiplier
CS2100-OTP CIRRUS-CS2100-OTP Datasheet
542Kb / 28P
Fractional-N Clock Multiplier
CS2300-OTP CIRRUS-CS2300-OTP Datasheet
403Kb / 28P
Fractional-N Clock Multiplier with Internal LCO
CS2000-CP CIRRUS-CS2000-CP_09 Datasheet
301Kb / 36P
Fractional-N Clock Synthesizer & Clock Multiplier
CS2000-OTP CIRRUS-CS2000-OTP_09 Datasheet
260Kb / 30P
Fractional-N Clock Synthesizer & Clock Multiplier
CS2100-CP CIRRUS-CS2100-CP_09 Datasheet
278Kb / 32P
Fractional-N Clock Multiplier
CS2100-OTP CIRRUS-CS2100-OTP_09 Datasheet
233Kb / 26P
Fractional-N Clock Multiplier
CS2300-CP CIRRUS-CS2300-CP_09 Datasheet
257Kb / 32P
Fractional-N Clock Multiplier with Internal LCO
CS2000-CP CIRRUS-CS2000-CP_15 Datasheet
1Mb / 37P
Fractional-N Clock Synthesizer & Clock Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com