Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2000P-CZZ Datasheet(PDF) 23 Page - Cirrus Logic

Part # CS2000P-CZZ
Description  Fractional-N Clock Synthesizer & Clock Multiplier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS2000P-CZZ Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CS2000P-CZZ Datasheet HTML 19Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 20Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 21Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 22Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 23Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 24Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 25Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 26Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
CS2000-OTP
DS758PP1
23
6. PARAMETER DESCRIPTIONS
As mentioned in Section 5.1 on page 10, there are two different kinds of parameter configuration sets, Modal and
Global. These configuration sets, shown in Figure 16, can be programmed in the field using the CDK2000 or pre-
programmed at the factory. Please see “Programming Information” on page 28 for more details.
Figure 16. Parameter Configuration Sets
6.1
Modal Configuration Sets
There are four instances of each of these configuration parameters. Selection between the four stored sets
is made using the M[1:0] pins.
6.1.1
R-Mod Selection (RModSel[1:0])
Selects the R-Mod value, which is used as a factor in determining the PLL’s Fractional N.
Note:
This parameter does not take affect unless M2 pin is high and the M2Config[2:0] global param-
eter is set to ‘011’.
RModSel[1:0]
R-Mod Selection
00
Right-shift R-value by 1 (÷ 2).
01
Right-shift R-value by 2 (÷ 4).
10
Right-shift R-value by 3 (÷ 8).
11
Right-shift R-value by 4 (÷ 16).
Application:
“Manual Ratio Modifier (R-Mod)” on page 15
M[1:0] pins
Modal Configuration Set #0
RModSel[1:0]
AutoRmod
LockClk[1:0]
FracNSrc
AuxOutSrc[1:0]
Modal Configuration Set #1
Ratio 1
RModSel[1:0]
AutoRmod
LockClk[1:0]
FracNSrc
AuxOutSrc[1:0]
Modal Configuration Set #2
Ratio 2
RModSel[1:0]
AutoRmod
LockClk[1:0]
FracNSrc
AuxOutSrc[1:0]
Modal Configuration Set #3
Ratio 3
RModSel[1:0]
AutoRmod
LockClk[1:0]
FracNSrc
AuxOutSrc[1:0]
00
01
10
11
Global Configuration Set
ClkSkipEn
RefClkDiv[1:0]
ClkOutUnl
AuxLockCfg
LFRatioCfg
M2Config[2:0]
Ratio 0
ClkIn_BW[2:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com