Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2000P-CZZ Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS2000P-CZZ
Description  Fractional-N Clock Synthesizer & Clock Multiplier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS2000P-CZZ Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS2000P-CZZ Datasheet HTML 6Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 7Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 8Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 9Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 10Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 11Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 12Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 13Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
CS2000-OTP
10
DS758PP1
5. APPLICATIONS
5.1
One Time Programmability
The one time programmable (OTP) circuitry in the CS2000-OTP allows for pre-configuration of the device
prior to use in a system. There are two types of parameters that are used for device pre-configuration: modal
and global. The modal parameters are features which, when grouped together, create a modal configuration
set (see Figure 16 on page 23). Up to four modal configuration sets can be permanently stored and then
dynamically selected using the M[1:0] mode select pins (see Table 1). The global parameters are the re-
maining configuration settings which do not change with the mode select pins. The modal and global pa-
rameters can be pre-set at the factory or user programmed using the customer development kit, CDK2000;
Please see “Programming Information” on page 28 for more details.
Table 1. Modal and Global Configuration
5.2
Timing Reference Clock Input
The low jitter timing reference clock (RefClk) can be provided by either an external reference clock or an
external crystal in conjunction with the internal oscillator. In order to maintain a stable and low-jitter PLL out-
put the timing reference clock must also be stable and low-jitter; the quality of the timing reference clock
directly affects the performance of the PLL and hence the quality of the PLL output.
5.2.1
Internal Timing Reference Clock Divider
The Internal Timing Reference Clock (SysClk) is limited to a lower maximum frequency than that allowed
on the XTI/REF_CLK pin. The CS2000-OTP supports the wider external frequency range by offering an
internal divider for RefClk. The RefClkDiv[1:0] global parameter should be configured such that SysClk,
the divided RefClk, then falls within the valid range as indicated in Figure 5.
It should be noted that the maximum allowable input frequency of the XTI/REF_CLK pin is dependent
upon its configuration as either a crystal connection or external clock input. See the “AC Electrical Char-
acteristics” on page 7 for more details.
Parameter Type
M[1:0] pins = 00
M[1:0] pins = 01
M[1:0] pins = 10
M[1:0] pins = 11
Modal
Configuration Set 0
Ratio 0
Configuration Set 1
Ratio 1
Configuration Set 2
Ratio 2
Configuration Set 3
Ratio 3
Global
Configuration settings set once for all modes.
Referenced Control
Parameter Definition
RefClkDiv[1:0] .......................“Reference Clock Input Divider (RefClkDiv[1:0])” on page 25
Figure 5. Internal Timing Reference Clock Divider
N
Internal Timing
Reference Clock
PLL Output
Fractional-N
Frequency
Synthesizer
Timing Reference
Clock Divider
÷1
÷2
÷4
XTI/REF_CLK
RefClkDiv[1:0]
8 MHz < SysClk < 18.75 MHz
8 MHz < RefClk <
Timing Reference Clock
50 MHz (XTI)
75 MHz (REF_CLK)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com