Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2000P-CZZ Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS2000P-CZZ
Description  Fractional-N Clock Synthesizer & Clock Multiplier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS2000P-CZZ Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS2000P-CZZ Datasheet HTML 11Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 12Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 13Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 14Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 15Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 16Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 17Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 18Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
CS2000-OTP
DS758PP1
15
binary portion. In this configuration, the maximum multiplication factor is approximately 1,048,575 with a
resolution of 244 PPM.
The 20.12 format is enabled by the LFRatioCfg global parameter. The 20.12 ratio format is only available
when the device is running in Hybrid PLL Mode. In Auto Fractional-N Source Selection Mode (see section
5.4.6.2 on page 17) when CLK_IN is not present the LFRatioCfg parameter is ignored and the ratio format
is 12.20.
It is recommended that the 12.20 High-Resolution format be utilized whenever the desired ratio is less
than 4096 since the output frequency accuracy of the PLL is directly proportional to the accuracy of the
timing reference clock and the resolution of the RUD.
5.4.3
Manual Ratio Modifier (R-Mod)
The manual Ratio Modifier is used to internally multiply/divide the currently addressed RUD (Ratio0-3
stored in the register space remain unchanged). The available options for R-Mod are summarized in
Table 2 on page 15. R-Mod is enabled via the M2 pin in conjunction with the appropriate setting of the
M2Config[2:0] global parameter (see Section 5.7.2 on page 20).
Table 2. Ratio Modifier
5.4.4
Automatic Ratio Modifier (Auto R-Mod) - Hybrid PLL Mode Only
The Automatic R-Modifier uses the CLK_IN Frequency Range Detector to implement a frequency depen-
dent multiply of the currently addressed RUD as shown in Table 3. The CLK_IN Frequency Range Detec-
tor determines the ratio between the frequency of the internal SysClk and the CLK_IN input signal. The
result of the ratio measurement is the internal status signal called FsDetect[1:0].
Like with R-Mod, the Ratio0-3 parameters stored in the one time programmable memory remain un-
changed. The Automatic Ratio Modifier is enabled either by the AutoRMod modal parameter or via the
M2 pin in conjunction with the appropriate setting of the M2Config[2:0] global parameter (see Section
5.7.2 on page 20).
Table 3. Automatic Ratio Modifier
Referenced Control
Parameter Definition
LockClk[1:0] ..........................“Lock Clock Ratio (LockClk[1:0])” section on page 24
LFRatioCfg ............................“Low-Frequency Ratio Configuration (LFRatioCfg)” on page 26
FracNSrc ...............................“Fractional-N Source for Frequency Synthesizer (FracNSrc)” section on page 24
RModSel[1:0]
R Modifier
00
0.5
01
0.25
10
0.125
11
0.0625
Referenced Control
Parameter Definition
Ratio 0-3................................“Ratio 0 - 3” on page 24
RModSel[1:0] ........................“R-Mod Selection (RModSel[1:0])” section on page 23
M2Config[2:0]........................“M2 Pin Configuration (M2Config[2:0])” on page 26
FsDetect[1:0]
fSysClk / fCLK_IN
Auto R Modifier
00
> 224
1
01
96 - 224
0.5
10
< 96
0.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com