Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2000P-CZZ Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS2000P-CZZ
Description  Fractional-N Clock Synthesizer & Clock Multiplier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS2000P-CZZ Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS2000P-CZZ Datasheet HTML 10Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 11Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 12Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 13Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 14Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 15Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 16Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 17Page - Cirrus Logic CS2000P-CZZ Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
CS2000-OTP
14
DS758PP1
CLK_OUT signal in order to maintain phase alignment. For these applications, it is advised to experiment
with the loop bandwidth settings and choose the lowest bandwidth setting that does not produce system
timing errors due to wandering between the clocks and data synchronous to the CLK_IN domain and
those synchronous to the PLL_OUT domain.
While acquiring lock, the digital loop bandwidth is automatically set to a large value. Once lock is
achieved, the digital loop bandwidth will settle to the minimum value selected by the ClkIn_BW[2:0] pa-
rameter.
5.4
Output to Input Frequency Ratio Configuration
5.4.1
User Defined Ratio (RUD), Frequency Synthesizer Mode
The User Defined Ratio, RUD, is a 32-bit un-signed fixed-point number which determines the basis for the
desired input to output clock ratio. Up to four different ratios, Ratio0-3, can be stored in the CS2000’s one
time programmable memory. Selection between the four ratios is achieved by the M[1:0] mode select
pins. The 32-bit RUD is represented in a high-resolution 12.20 format where the 12 MSBs represent the
integer binary portion while the remaining 20 LSBs represent the fractional binary portion. The maximum
multiplication factor is approximately 4096 with a resolution of 0.954 PPM in this configuration. See “Cal-
culating the User Defined Ratio” on page 27 for more information.
The status of internal dividers, such as the internal timing reference clock divider, are automatically taken
into account. Therefore RUD is simply the desired ratio of the output to input clock frequencies.
5.4.2
User Defined Ratio (RUD), Hybrid PLL Mode
The same four ratio locations, Ratio0-3, are used to store the User Defined Ratios for Hybrid PLL Mode.
Selection of the User Defined Ratio for the dynamic ratio based Hybrid PLL Mode is made with the M[1:0]
pins (unless auto fractional N source selection is enabled; see section 5.4.6 on page 16).
In addition to the High-Resolution ratio format, a High-Multiplication format is also available. In the High-
Multiplication format mode, the 32-bit fixed-point number for RUD is represented in a 20.12 format where
the 20 MSBs represent the integer binary portion while the remaining 12 LSBs represent the fractional
Referenced Control
Parameter Definition
ClkIn_BW[2:0] .......................“Clock Input Bandwidth (ClkIn_BW[2:0])” on page 26
Referenced Control
Parameter Definition
Ratio 0-3................................“Ratio 0 - 3” on page 24
M[1:0] ....................................“M1 and M0 Mode Pin Functionality” on page 20
Figure 11. High bandwidth with CLK_IN domain re-use
D0
D1
LRCK
SCLK
SDATA
MCLK
MCLK
Wander < 128 Hz
Jitter > 128 Hz Rejected
Wander < 128 Hz Passed to Output
LRCK
SCLK
SDATA
or
PLL
BW = 128 Hz
CLK_IN
PLL_OUT
Subclocks and data re-used
from previous clock domain.
Jitter
D0
D1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com