Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5464 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS5464
Description  Three-channel, Single-phase Power/Energy IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5464 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS5464 Datasheet HTML 6Page - Cirrus Logic CS5464 Datasheet HTML 7Page - Cirrus Logic CS5464 Datasheet HTML 8Page - Cirrus Logic CS5464 Datasheet HTML 9Page - Cirrus Logic CS5464 Datasheet HTML 10Page - Cirrus Logic CS5464 Datasheet HTML 11Page - Cirrus Logic CS5464 Datasheet HTML 12Page - Cirrus Logic CS5464 Datasheet HTML 13Page - Cirrus Logic CS5464 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
CS5464
10
DS682F1
DIGITAL CHARACTERISTICS
• Min / Max characteristics and specifications are guaranteed over all Recommended Operating Conditions.
• Typical characteristics and specifications are measured at nominal supply voltages and TA = 25 °C.
• VA+ = VD+ = 5V ±5%; AGND = DGND = 0 V. All voltages with respect to 0 V.
• DCLK = 4.096 MHz.
Notes: 10. All measurements performed under static conditions.
11. If a crystal is used, XIN frequency must remain between 2.5 MHz - 5.0 MHz. If an external oscillator is
used, XIN frequency range is 2.5 MHz - 20 MHz, but K must be set so that MCLK is between
2.5 MHz - 5.0 MHz.
12. If external MCLK is used, the duty cycle must be between 45% and 55% to maintain this specification.
13. The frequency of CPUCLK is equal to MCLK.
14. The minimum FSCR is limited by the maximum allowed gain register value. The maximum FSCR is
limited by the full-scale signal applied to the input.
15. Configuration register (Config) bits PC[6:0] are set to “0000000”.
16.
The MODE pin is pulled low by an internal resistor.
Parameter
Symbol
Min
Typ
Max
Unit
Master Clock Characteristics
Master Clock Frequency
Internal Gate Oscillator (Note 11)
DCLK
2.5
4.096
20
MHz
Master Clock Duty Cycle
40
-
60
%
CPUCLK Duty Cycle
(Note 12 and 13)
40
-
60
%
Filter Characteristics
Phase Compensation Range
(60 Hz, OWR = 4000 Hz)
-5.4
-
+5.4
°
Input Sampling Rate
DCLK = MCLK/K
-
DCLK/8
-
Hz
Digital Filter Output Word Rate
(Both channels)
OWR
-
DCLK/1024
-
Hz
High-pass Filter Corner Frequency
-3 dB
-0.5
-
Hz
Full-scale DC Calibration Range (Referred to Input) (Note 14)
FSCR
25
-
100
%FS
Channel-to-channel Time-shift Error
(Note 15)
1.0
µs
Input/Output Characteristics
High-level Input Voltage
All Pins Except XIN and SCLK and RESET
XIN
SCLK and RESET
VIH
0.6 VD+
(VD+) – 0.5
0.8 VD+
-
-
-
-
-
-
V
V
V
Low-level Input Voltage (VD = 5 V)
All Pins Except XIN and SCLK and RESET
XIN
SCLK and RESET
VIL
-
-
-
-
-
-
0.8
1.5
0.2 VD+
V
V
V
Low-level Input Voltage (VD = 3.3 V)
All Pins Except XIN and SCLK and RESET
XIN
SCLK and RESET
VIL
-
-
-
-
-
-
0.48
0.3
0.2 VD+
V
V
V
High-level Output Voltage
Iout = +5 mA
VOH
(VD+) - 1.0
-
-
V
Low-level Output Voltage
Iout =-5mA(VD = +5V)
Iout = -2.5 mA (VD = +3.3V)
VOL
-
-
-
-
0.4
0.4
V
V
Input Leakage Current
(Note 16)
Iin
-±1
±10
µA
3-state Leakage Current
IOZ
--
±10
µA
Digital Output Pin Capacitance
Cout
-5
-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com