Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5464 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS5464
Description  Three-channel, Single-phase Power/Energy IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5464 Datasheet(HTML) 1 Page - Cirrus Logic

  CS5464 Datasheet HTML 1Page - Cirrus Logic CS5464 Datasheet HTML 2Page - Cirrus Logic CS5464 Datasheet HTML 3Page - Cirrus Logic CS5464 Datasheet HTML 4Page - Cirrus Logic CS5464 Datasheet HTML 5Page - Cirrus Logic CS5464 Datasheet HTML 6Page - Cirrus Logic CS5464 Datasheet HTML 7Page - Cirrus Logic CS5464 Datasheet HTML 8Page - Cirrus Logic CS5464 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
Copyright
© Cirrus Logic, Inc. 2007
(All Rights Reserved)
http://www.cirrus.com
CS5464
Three-channel, Single-phase Power/Energy IC
Features & Description
• Energy Linearity: ±0.1% of Reading over
1000:1 Dynamic Range
• On-chip Functions:
- Voltage and Current Measurement
- Active, Reactive, and Apparent Power/Energy
- RMS Voltage and Current Calculations
- Current Fault and Voltage Sag Detection
- Calibration
- Phase Compensation
- Temperature Sensor
- Energy Pulse Outputs
• Meets Accuracy Spec for IEC, ANSI, & JIS
• Low Power Consumption
• Tamper Detection and Correction
• Ground-referenced Inputs with Single
Supply
• On-chip 2.5 V Reference (25 ppm / °C typ.)
• Power Supply Monitor Function
• Three-wire Serial Interface to
Microcontroller or E2PROM
• Power Supply Configurations
GND: 0 V, VA+: +5 V, VD+: +3.3 V to +5 V
Description
The CS5464 is a watt-hour meter on a chip. It
measures line voltage and current and calcu-
lates active, reactive, apparent power, energy,
power factor, and RMS voltage and current.
There are two separate inputs to measure line,
ground, and/or neutral current enabling the
meter to detect tampering and to continue oper-
ating. An internal RMS voltage reference can be
used if voltage measurement is disabled by
tampering.
Four
∆Σ analog-to-digital converters are used to
measure voltage, two currents, and temperature.
The CS5464 is designed to interface to a variety
of voltage and current sensors.
Additional features include system-level calibra-
tion, voltage sag and current fault detection,
peak detection, phase compensation, and ener-
gy pulse outputs.
ORDERING INFORMATION
See Page 44.
MAR ‘07
DS682F1


Similar Part No. - CS5464

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5464 CIRRUS-CS5464 Datasheet
795Kb / 46P
Three-channel, Single-phase Power/Energy IC
CS5464 CIRRUS-CS5464 Datasheet
484Kb / 46P
Three-channel, Single-phase Power/Energy IC
CS5464-IS CIRRUS-CS5464-IS Datasheet
795Kb / 46P
Three-channel, Single-phase Power/Energy IC
CS5464-ISZ CIRRUS-CS5464-ISZ Datasheet
795Kb / 46P
Three-channel, Single-phase Power/Energy IC
CS5464-ISZ CIRRUS-CS5464-ISZ Datasheet
484Kb / 46P
Three-channel, Single-phase Power/Energy IC
More results

Similar Description - CS5464

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5460A CIRRUS-CS5460A Datasheet
876Kb / 54P
Single Phase Bi-Directional Power/Energy IC
logo
List of Unclassifed Man...
SA9904B ETC-SA9904B Datasheet
106Kb / 12P
Three Phase Power / Energy IC with SPI Interface
logo
Cirrus Logic
CS5464 CIRRUS-CS5464 Datasheet
795Kb / 46P
Three-channel, Single-phase Power/Energy IC
logo
Sames
SA9904A SAMES-SA9904A Datasheet
160Kb / 12P
Three Phase Power / Energy IC with SPI Interface
logo
Cirrus Logic
CS5463 CIRRUS-CS5463_11 Datasheet
388Kb / 46P
Single Phase, Bi-directional Power/Energy IC
CS5464 CIRRUS-CS5464_11 Datasheet
484Kb / 46P
Three-channel, Single-phase Power/Energy IC
logo
Sames
SA9904B SAMES-SA9904B Datasheet
279Kb / 12P
Three Phase Power Energy IC with SPI
logo
Cirrus Logic
CS5480 CIRRUS-CS5480 Datasheet
892Kb / 70P
Three Channel Energy Measurement IC
logo
Sames
SA4305A SAMES-SA4305A Datasheet
528Kb / 15P
Three Phase Bidirectional Energy Metering IC
SA9904B SAMES-SA9904B_17 Datasheet
552Kb / 18P
Three Phase Multifunction Energy Metering IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com