Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5464 Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS5464
Description  Three-channel, Single-phase Power/Energy IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5464 Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS5464 Datasheet HTML 25Page - Cirrus Logic CS5464 Datasheet HTML 26Page - Cirrus Logic CS5464 Datasheet HTML 27Page - Cirrus Logic CS5464 Datasheet HTML 28Page - Cirrus Logic CS5464 Datasheet HTML 29Page - Cirrus Logic CS5464 Datasheet HTML 30Page - Cirrus Logic CS5464 Datasheet HTML 31Page - Cirrus Logic CS5464 Datasheet HTML 32Page - Cirrus Logic CS5464 Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
CS5464
DS682F1
29
8.2.2 Instantaneous Current (I1, I2), Voltage (V1, V2), and Power (P1, P2)
Address: 1 (I1), 2 (V1), 3 (P2), 7 (I2), 8 (V2), 9 (P2)
I1
(I2) and V1 (V2) contain instantaneous current and voltage, respectively, which are multiplied to yield in-
stantaneous power, P1 (P2). These are two's complement values in the range of -1.0
≤ value < 1.0, with the
binary point to the right of the MSB.
8.2.3 Active Power (P1AVG , P2AVG )
Address: 4 (P1AVG), 10 (P2AVG)
Instantaneous power is averaged over each low-rate interval (N samples) to compute active power, P1AVG
(P2AVG). These are two's complement values in the range of -1.0 ≤ value < 1.0, with the binary point to the
right of the MSB.
8.2.4 RMS Current (I1RMS, I2RMS ) and Voltage (V1RMS, V2RMS )
Address: 5 (I1RMS), 6 (V1RMS), 11 (I2RMS), 12 (V2RMS)
I1RMS (I2RMS) and V1RMS (V2RMS) contain the root mean square (RMS) values of I1 (I2) and V1 (V2), calcu-
lated each low-rate interval. These are unsigned values in the range of 0
≤ value < 1.0, with the binary point
to the left of the MSB.
8.2.5 Instantaneous Quadrature Power (Q1, Q2)
Address: 14 (Q1), 17 (Q2)
Instantaneous quadrature power, Q1 (Q2), the product of voltage1 (voltage2) shifted 90 degrees and current1
(current2). These are two's complement values in the range of -1.0
≤ value < 1.0, with the binary point to the
right of the MSB.
8.2.6 Reactive Power (Q1AVG, Q2AVG )
Address: 13 (Q1AVG), 16 (Q2AVG)
Reactive power Q1AVG (Q2AVG) is Q1 (Q2) averaged over every N samples. These are two's complement
values in the range of -1.0
≤ value < 1.0, with the binary point to the right of the MSB.
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23
MSB
LSB
2-1
2-2
2-3
2-4
2-5
2-6
2-7
2-8
.....
2-18
2-19
2-20
2-21
2-22
2-23
2-24
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com