Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5464 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS5464
Description  Three-channel, Single-phase Power/Energy IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5464 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS5464 Datasheet HTML 10Page - Cirrus Logic CS5464 Datasheet HTML 11Page - Cirrus Logic CS5464 Datasheet HTML 12Page - Cirrus Logic CS5464 Datasheet HTML 13Page - Cirrus Logic CS5464 Datasheet HTML 14Page - Cirrus Logic CS5464 Datasheet HTML 15Page - Cirrus Logic CS5464 Datasheet HTML 16Page - Cirrus Logic CS5464 Datasheet HTML 17Page - Cirrus Logic CS5464 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
CS5464
14
DS682F1
4. SIGNAL PATH DESCRIPTION
The data flow for voltage and current measurement and
the other calculations are shown in Figures 3, 4, and 5.
The data flow consists of two current paths and two volt-
age paths. Both voltage paths are derived from the
same differential input pins. Each current path has its
own differential input pins.
4.1 Analog-to-Digital Converters
The voltage and temperature channels use second-or-
der delta-sigma modulators and the two current chan-
nels use fourth-order delta-sigma modulators to convert
the analog inputs to single-bit digital data streams. The
converters sample at a rate of DCLK/8. This high sam-
pling provides a wide dynamic range and simplifies an-
ti-alias filter design.
4.2 Decimation Filters
The single-bit modulator output data is widened to
24 bits and down-sampled to DCLK/1024 with low-pass
decimation filters. These decimation filters are third-or-
der Sinc. Their outputs are passed through third-order
IIR “anti-sinc” filters, used to compensate for the ampli-
tude roll-off of the decimation filters.
4.3 Phase Compensation
Phase compensation changes the phase of current rel-
ative to voltage by changing the sampling time in the
decimation filters. The amount of phase shift is set by
bits PC[7:0] in the Configuration register (Config) for
channel 1 and bits PC[7:0] in the Control register (Ctrl)
for channel 2.
Phase compensation, PC[7:0] is a signed two’s comple-
ment binary value in the range of -1.0 to almost +1.0
output word rate (OWR) samples. For a sample rate of
4000 Hz, the delay range is ±250
µS, a phase shift of
±4.5° at 50 Hz and ±5.4° at 60 Hz. The step size would
be 0.0352° at 50 Hz and 0.0422° at 60 Hz at this sample
rate.
Figure 3. Signal Flow for V1, I1, P1, Q1 Measurements
FGA
V1OFF V1GAIN
I1OFF
I1GAIN
Figure 4. Signal Flow for V2, I2, P2, Q2 Measurements
V2OFF V2GAIN
I2OFF
I2GAIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com