Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5464 Datasheet(PDF) 36 Page - Cirrus Logic

Part # CS5464
Description  Three-channel, Single-phase Power/Energy IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5464 Datasheet(HTML) 36 Page - Cirrus Logic

Back Button CS5464 Datasheet HTML 32Page - Cirrus Logic CS5464 Datasheet HTML 33Page - Cirrus Logic CS5464 Datasheet HTML 34Page - Cirrus Logic CS5464 Datasheet HTML 35Page - Cirrus Logic CS5464 Datasheet HTML 36Page - Cirrus Logic CS5464 Datasheet HTML 37Page - Cirrus Logic CS5464 Datasheet HTML 38Page - Cirrus Logic CS5464 Datasheet HTML 39Page - Cirrus Logic CS5464 Datasheet HTML 40Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 46 page
background image
CS5464
36
DS682F1
8.3.9 Cycle Count (N) – Address: 19
Default = 4000
Determines the number of output word rate (OWR) samples to use in calculating low-rate results. Cycle Count
(N) is an integer in the range of 10 to 8,388,607. Values less than 10 should not be used.
8.3.10 Channel Select Level (Ichanlevel ) – Address: 18
Default = 1.02 (minimum difference = 2%)
Sets the hysteresis level for energy channel selection. If the most positive value of P1AVG and P2AVG (I1RMS
and I2RMS) is greater than IchanLEVEL multiplied by the least-positive value, and is also greater than
IchanMIN, the channel associated with the most-positive value will be used. If not, the previous channel
selection will remain. IchanLEVEL is an unsigned fixed-point value in the range of 0 ≤ value < 2.0, with the bi-
nary point to the left of the MSB. A value of 1.0 or less
indicates no hysteresis will be used.
8.3.11 Channel Select Minimum Amplitude (EMIN or IrmsMIN ) – Address: 24
Default = 0.003
Sets the minimum level for energy channel selection. If the most positive value of P1AVG and P2AVG (I1RMS and
I2RMS) is less than IchanMIN then the previous channel selection will remain in use. It is a two's complement
value in the range of -1.0
≤ value < 1.0, with the binary point to the right of the MSB. Negative values are not
used.
8.3.12 Wideband Reactive Power (Q1WB , Q2WB )
Address: 20 (Q1WB), 21 (Q2WB)
Wideband reactive power is calculated using vector subtraction. (See Section 4.8 Power and Energy Results
on page 16). The value is signed, but has a range of 0
≤ value < 1.0. The binary point is to the right of the MSB.
MSB
LSB
0222
221
220
219
218
217
216
.....
26
25
24
23
22
21
20
MSB
LSB
20
2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com