Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5464 Datasheet(PDF) 42 Page - Cirrus Logic

Part # CS5464
Description  Three-channel, Single-phase Power/Energy IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5464 Datasheet(HTML) 42 Page - Cirrus Logic

Back Button CS5464 Datasheet HTML 38Page - Cirrus Logic CS5464 Datasheet HTML 39Page - Cirrus Logic CS5464 Datasheet HTML 40Page - Cirrus Logic CS5464 Datasheet HTML 41Page - Cirrus Logic CS5464 Datasheet HTML 42Page - Cirrus Logic CS5464 Datasheet HTML 43Page - Cirrus Logic CS5464 Datasheet HTML 44Page - Cirrus Logic CS5464 Datasheet HTML 45Page - Cirrus Logic CS5464 Datasheet HTML 46Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 42 / 46 page
background image
CS5464
42
DS682F1
11. BASIC APPLICATION CIRCUITS
Figure 14 shows the CS5464 configured to measure
power in a single-phase, 2-wire system while operating
in a single-supply configuration. In this diagram, a shunt
resistor is used to sense the line current and a voltage
divider is used to sense the line voltage. In this type of
shunt-resistor configuration, the common-mode level of
the CS5464 must be referenced to the line side of the
power line. This means that the common-mode poten-
tial of the CS5464 will track the high-voltage levels, as
well as low-voltage levels, with respect to earth ground.
Isolation circuitry is required when an earth-ground-ref-
erenced communication interface is connected. A cur-
rent transformer (CT) is connected to the return line
current, which implements the tamper detection circuit.
VA+
VD+
CS5464
0.1µF
470µF
500 W
1uF
500
L2
R1
R2
10W
9
IIN-
10
19
20
IIN+
PFMON
CPUCLK
XOUT
XIN
Optional
Clock
Source
Serial
Data
Interface
RESET
2
1
CS
7
SDI
27
SDO
6
SCLK
5
INT
24
E1
0.1µF
VREFIN
12
VREFOUT
11
AGND
DGND
17
4
3
4.096 MHz
0.1 µF
10 kW
5kW
L1
R
Shunt
R
V-
R
I-
R
I+
Pulse Output
Counter
26
25
C
I-
C
I+
C
Idiff
C
V+
C
V-
CVdiff
E2
IIN2-
IIN2+
½ R
R
I-
R
I+
C
Burden
Idiff
15
16
18
21
28
23
VIN-
VIN+
TEST2
13
14
TEST1
LOAD
LINE
VOLTAGE
CT
½ R
Burden
C
I-
C I+
W
Figure 14. Typical Connection Diagram (Single-phase, 2-wire – Direct Connect to Power Line)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com