Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5464 Datasheet(PDF) 41 Page - Cirrus Logic

Part # CS5464
Description  Three-channel, Single-phase Power/Energy IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5464 Datasheet(HTML) 41 Page - Cirrus Logic

Back Button CS5464 Datasheet HTML 37Page - Cirrus Logic CS5464 Datasheet HTML 38Page - Cirrus Logic CS5464 Datasheet HTML 39Page - Cirrus Logic CS5464 Datasheet HTML 40Page - Cirrus Logic CS5464 Datasheet HTML 41Page - Cirrus Logic CS5464 Datasheet HTML 42Page - Cirrus Logic CS5464 Datasheet HTML 43Page - Cirrus Logic CS5464 Datasheet HTML 44Page - Cirrus Logic CS5464 Datasheet HTML 45Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 46 page
background image
CS5464
DS682F1
41
10.E2PROM OPERATION
The CS5464 can accept commands from a serial
E2PROM connected to the serial interface instead of a
host microcontroller. A high level (logic 1) on the MODE
input indicates that an E2PROM is connected. This
makes the CS and SCLK pins become driven outputs.
After reset and after running the initialization program,
the CS5464 begins reading commands from the con-
nected E2PROM.
10.1 E2PROM Configuration
A typical connection between the CS5464 and a
E2PROM is shown in Figure 13.
The CS5464 asserts CS (logic 0), clocks SCLK, and
sends Read commands to the E2PROM on SDO.
Command format is identical to microcontroller mode,
except the CS5464 will not attempt to write to the EE de-
vice. The command sequence stops when the STOP bit
in the Control register (Ctrl) is written by the command
sequence.
Figure 13 also shows the external connections that
would be made to a calibration device, such as a note-
book computer, handheld calibrator, or tester during
meter assembly, The calibrator or tester can be used to
control the CS5464 during calibration and program the
required values into the E2PROM.
10.2 E2PROM Code
The EEPROM code should do the following:
1. Set any Configuration or Control register bits, such as
HPF enables and phase compensation settings.
2. Write any calibration data to gain and offset registers.
3. Set energy output pulse width, rate, and formats.
4. Execute a Continuous Conversion command.
5. Set the STOP bit in the Control register (last).
Below is an example E2PROM code set.
-
7E 00 00 01
Change to page 1.
-
60 00 01 E0
Write Modes Register, turn high-pass filters on.
-
42 7F C4 A9
Write value of 0x7FC4A9 to I1GAIN register.
-
46 FF B2 53
Write value of 0xFFB253 to V1GAIN register.
-
50 7F C4 A9
Write value of 0x7FC4A9 to I2GAIN register.
-
54 FF B2 53
Write value of 0xFFB253 to V2GAIN register.
-
7E 00 00 00
Change to page 0.
-
74 00 00 04
Set LSD bit to 1 in the Mask register.
-
E8
Start continuous conversions
-
78 00 01 00
Write STOP bit to the Control register (Ctrl) to
terminate E2PROM command sequence.
10.3 Which E2PROMs Can Be Used?
Several industry-standard serial E2PROMs can be used
with the CS5464. Some are listed below:
•
Atmel AT25010, AT25020 or AT25040
•
National Semiconductor NM25C040M8 or NM25020M8
•
Xicor X25040SI
These serial E2PROMs expect a specific 8-bit com-
mand (00000011) in order to perform a memory read.
The CS5464 has been hardware programmed to trans-
mit this 8-bit command to the E2PROM after reset.
CS5464
EEPROM
E1
E2
MODE
SCLK
SDI
SDO
CS
SCK
SO
SI
CS
Connector to Calibrator
VD
+
5 K
5 K
Pulse Output
Counter
Figure 13. Typical Interface of E2PROM to CS5464



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com