Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5464 Datasheet(PDF) 30 Page - Cirrus Logic

Part # CS5464
Description  Three-channel, Single-phase Power/Energy IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5464 Datasheet(HTML) 30 Page - Cirrus Logic

Back Button CS5464 Datasheet HTML 26Page - Cirrus Logic CS5464 Datasheet HTML 27Page - Cirrus Logic CS5464 Datasheet HTML 28Page - Cirrus Logic CS5464 Datasheet HTML 29Page - Cirrus Logic CS5464 Datasheet HTML 30Page - Cirrus Logic CS5464 Datasheet HTML 31Page - Cirrus Logic CS5464 Datasheet HTML 32Page - Cirrus Logic CS5464 Datasheet HTML 33Page - Cirrus Logic CS5464 Datasheet HTML 34Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
CS5464
30
DS682F1
8.2.7 Peak Current (I1PEAK, I2PEAK ) and Peak Voltage (V1PEAK, V2PEAK )
Address: 18 (I1PEAK), 19 (V1PEAK), 22 (I2PEAK), 23 (V2PEAK)
Peak current, I1PEAK (I2PEAK) and peak voltage, V1PEAK (V2PEAK) are the instantaneous current and voltage
samples with the greatest magnitude detected during the last low-rate interval. These are two's complement
values in the range of -1.0
≤ value < 1.0, with the binary point to the right of the MSB.
8.2.8 Apparent Power (S1, S2)
Address: 20 (S1), 24 (S2)
Apparent power S1 (S2) is the product of V1RMS and I1RMS (V2RMS and I2RMS), These are two's complement
values in the range of 0
≤ value < 1.0, with the binary point to the right of the MSB.
8.2.9 Power Factor (PF1, PF2)
Address: 21 (PF1), 25 (PF2)
Power factor is calculated by dividing active power by apparent power. The sign is determined by the active
power sign. These are two's complement values in the range of -1.0
≤ value < 1.0, with the binary point to the
right of the MSB.
8.2.10 Temperature (T) – Address: 27
T
contains results from the on-chip temperature measurement. By default, T uses the Celsius scale, and is a
two's complement value in the range of -128.0
≤ value < 128.0 (oC), with the binary point to the right of bit 16.
T
can be rescaled by the application using the TGAIN and TOFF registers.
8.2.11 Active, Apparent, and Reactive Energy Pulse Outputs (EPULSE, SPULSE, QPULSE )
Address: 29
(EPULSE), 30 (SPULSE), 31 (QPULSE)
These drive the pulse outputs when configured to do so. If the Ichan bit in Modes is “0”, these registers are
driven from P1AVG, S1, and Q1AVG, respectively. If the Ichan bit is “1”, these registers are driven from P2AVG,
S2
, and Q2AVG, respectively. These are two's complement values in the range of -1.0 ≤ value < 1.0, with the
binary point to the right of the MSB.
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23
MSB
LSB
-(27)26
25
24
23
22
21
20
.....
2-10
2-11
2-12
2-13
2-14
2-15
2-16
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com