Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5464 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS5464
Description  Three-channel, Single-phase Power/Energy IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5464 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS5464 Datasheet HTML 16Page - Cirrus Logic CS5464 Datasheet HTML 17Page - Cirrus Logic CS5464 Datasheet HTML 18Page - Cirrus Logic CS5464 Datasheet HTML 19Page - Cirrus Logic CS5464 Datasheet HTML 20Page - Cirrus Logic CS5464 Datasheet HTML 21Page - Cirrus Logic CS5464 Datasheet HTML 22Page - Cirrus Logic CS5464 Datasheet HTML 23Page - Cirrus Logic CS5464 Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
CS5464
20
DS682F1
lists the functions of E3 as controlled by E3MODE[1:0]
in the Modes register when E1MODE is not enabled.
When both E2MODE bits are high, the E1MODE bits
are enabled, allowing active, apparent, reactive, or
wideband reactive energy for both energy channels to
be output on E1 and E2. Table 6 lists the functions of E1
and E2 with E1MODE enabled.
When E1MODE bits are enabled, the E3 pin outputs ei-
ther the power fail monitor status, or the sign of the E1
and E2 outputs. Table 7 list the functions of the E3 pin
using E3MODE[1:0]
in the Modes register when
E1MODE is enabled .
6.8 No Load Threshold
The No Load Threshold register (LoadMIN) is used to
zero out the contents of EPULSE and QPULSE registers if
their magnitude is less than the LoadMIN register value.
6.9 Energy Pulse Width
Note: Energy Pulse Width (PulseWidth) only applies to
E1, E2, or E3 pins that are configured to output pulses.
When any are configured to output steady-state signals,
such as voltage sign, energy channel in use, power fail
monitor, or energy sign, pulse widths and output rates
do not apply.
The pulse width time (tpw) in Figure 2, is set by the value
in the PulseWidth register which is an integer multiple of
the sample or output word rate (OWR). At OWR of
4000 Hz (a period of 250 uS) tpw = PulseWidth x 250uS.
By default, PulseWidth is set to 1.
6.10 Energy Pulse Rate
The full-scale pulse frequency of enabled E1, E2, E3
pins is the PulseRate x output word rate (OWR)/2. The
actual pulse frequency is the full-scale pulse frequency
multiplied by the pulse register’s (EPULSE, SPULSE,
QPULSE) value.
Example:
If the output word rate (OWR) is 4000 Hz, and the
PulseRate
is set to 0.05, the full-rate pulse frequency is
0.05 x 4000 / 2 = 100 Hz. If the EPULSE register, driving
E1, is 0.4567, the pulse output rate on E1 will be
100 Hz x 0.4567 = 45.67 Hz.
6.11 Voltage Sag/Current Fault Detection
Voltage sag detection is used to determine when aver-
aged voltage falls below a predetermined level for a
specified interval of time. Current fault detection deter-
mines when averaged current falls below a predeter-
mined level for a specified interval of time.
The specified interval of time (duration) is set by the val-
ue in the V1SagDUR (V2SagDUR) and I1FaultDUR
(I2FaultDUR) registers. Setting any of these to zero (de-
fault) disables the detect feature for the given channel.
The value is in output word rate (OWR) samples. The
predetermined level is set by the values in the
V1SagLEVEL
(V2SagLEVEL)
and
I1FaultLEVEL
(I2FaultLEVEL) registers.
Since the values of V1 and V2 come from the same in-
put, only one voltage sag detector is necessary.
E3MODE1
E3MODE0
E3 output
0
0
Reactive Energy
0
1
Power Fail Monitor
1
0
Voltage Sign
1
1
Apparent Energy
Table 5. E3 Pin Configuration
E1MODE1
E1MODE0
E1 / E2 outputs
0
0
Active Energy
0
1
Apparent Energy
1
0
Reactive Energy
1
1
Wideband Reactive
Table 6. E1 / E2 Modes
E3MODE1
E3MODE0
E3 output
0
0
Power Fail Monitor
0
1
Energy Sign
1
0
not used
1
1
not used
Table 7. E3 Pin with E1MODE enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com