Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5464 Datasheet(PDF) 39 Page - Cirrus Logic

Part # CS5464
Description  Three-channel, Single-phase Power/Energy IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5464 Datasheet(HTML) 39 Page - Cirrus Logic

Back Button CS5464 Datasheet HTML 35Page - Cirrus Logic CS5464 Datasheet HTML 36Page - Cirrus Logic CS5464 Datasheet HTML 37Page - Cirrus Logic CS5464 Datasheet HTML 38Page - Cirrus Logic CS5464 Datasheet HTML 39Page - Cirrus Logic CS5464 Datasheet HTML 40Page - Cirrus Logic CS5464 Datasheet HTML 41Page - Cirrus Logic CS5464 Datasheet HTML 42Page - Cirrus Logic CS5464 Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
CS5464
DS682F1
39
9. SYSTEM CALIBRATION
9.1 Calibration
The CS5464 provides DC offset and gain calibration
that can be applied to the voltage and current measure-
ments, and AC offset calibration which can be applied to
the voltage and current RMS calculations.
Since the voltage and current channels have indepen-
dent offset and gain registers, offset and gain calibra-
tion can be performed on any channel independently.
The data flow of the calibration is shown in Figure 10.
The CS5464 must be operating in its active state and
ready to accept valid commands. Refer to 7.6 Com-
mands
on page 24.
The value in the Cycle Count register (N) determines
the number of output word rate (OWR) samples that are
averaged during a calibration. DC offset and gain cali-
brations take at least N + TSETTLE samples. AC offset
calibrations take at least 6(N)+ TSETTLE samples. As N
is increased, the accuracy of calibration results tends to
also increase.
The DRDY bit in the Status register will be set at the
completion of Calibration commands. If an overflow oc-
curs during calibration, other Status register bits may be
set as well.
9.1.1 Offset Calibration
During offset calibrations, no line voltage or current
should be applied to the meter. A zero-volt differential
signal can also be applied to the voltage inputs VIN
± or
current inputs IIN1
± (IIN2±) of the CS5464.
(see Figure 11.)
9.1.1.1 DC Offset Calibration
The DC Offset Calibration command measures and av-
erages DC values read on specified voltage or current
channels at zero input and stores the inverse result in
the associated offset registers. This will be added to in-
stantaneous measurements in subsequent conver-
sions, removing the offset.
Gain registers for channels being calibrated should be
set to 1.0 prior to performing DC offset calibration.
9.1.1.2 AC Offset Calibration
The AC Offset Calibration command measures the re-
sidual RMS values read on specified voltage or current
channels at zero input and stores the inverse result in
the associated AC offset registers. This will be added to
RMS measurements in subsequent conversions, re-
moving the offset.
AC offset registers for channels being calibrated should
first be cleared prior to performing the calibration.
In
Modulator
+
X
V1, I1, V2, I2
Filter
N
I1RMS, V1RMS,
I2RMS, V2RMS
÷
I1DCOFF, V1DCOFF,
I2DCOFF, V2DCOFF
I1GAIN, V1GAIN,
I2GAIN, V2GAIN
0.6
+
= READABLE/WRITABLE REGISTERS.
N
÷
+
X
Σ
√
N
1
DCAVG
RMS
I1ACOFF, V1ACOFF,
I2ACOFF, V2ACOFF
ΣN
+
DC Gain
DC Offset
AC Offset
RMS
AC Gain
Negate
DC AVG
Negate
Figure 10. Calibration Data Flow
+
-
XGAIN
+
-
External
Connections
0V
+
-
AIN+
AIN-
CM +
-
Figure 11. System Calibration of Offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com