Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5464 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS5464
Description  Three-channel, Single-phase Power/Energy IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5464 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS5464 Datasheet HTML 9Page - Cirrus Logic CS5464 Datasheet HTML 10Page - Cirrus Logic CS5464 Datasheet HTML 11Page - Cirrus Logic CS5464 Datasheet HTML 12Page - Cirrus Logic CS5464 Datasheet HTML 13Page - Cirrus Logic CS5464 Datasheet HTML 14Page - Cirrus Logic CS5464 Datasheet HTML 15Page - Cirrus Logic CS5464 Datasheet HTML 16Page - Cirrus Logic CS5464 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
CS5464
DS682F1
13
SWITCHING CHARACTERISTICS (Continued)
Notes: 19. Pulse output timing is specified at DCLK = 4.096 MHz, E2MODE = 0, and E3MODE[1:0] = 0. Refer to
6.7 Energy Pulse Outputs on page 19 for more information on pulse output pins.
20. Timing is proportional to the frequency of DCLK.
ABSOLUTE MAXIMUM RATINGS
WARNING: Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
Notes: 21. VA+ and AGND must satisfy [(VA+) - (AGND)]
≤ + 6.0 V.
22. VD+ and AGND must satisfy [(VD+) - (AGND)]
≤ + 6.0 V.
23. Applies to all pins including continuous over-voltage conditions at the analog input pins.
24. Transient current of up to 100 mA will not cause SCR latch-up.
25. Maximum DC input current for a power supply pin is ±50 mA.
26. Total power dissipation, including all input currents and output currents.
Parameter
Symbol
Min
Typ
Max
Unit
E1, E2, and E3 Timing
(Note 19 and 20)
Period
tperiod
500
-
-
µs
Pulse Width
tpw
244
-
-
µs
Rising Edge to Falling Edge
t3
6-
-
µs
E2 Setup to E1 and/or E3 Falling Edge
t4
1.5
-
-
µs
E1 Falling Edge to E3 Falling Edge
t5
248
-
-
µs
Parameter
Symbol
Min
Typ
Max
Unit
DC Power Supplies
(Notes 21 and 22)
Positive Digital
Positive Analog
VD+
VA+
-0.3
-0.3
-
-
+6.0
+6.0
V
V
Input Current, Any Pin Except Supplies
(Notes 23, 24, 25)
IIN
--
±10
mA
Output Current, Any Pin Except VREFOUT
IOUT
--
100
mA
Power Dissipation
(Note 26)
PD
--
500
mW
Analog Input Voltage
All Analog Pins
VINA
- 0.3
-
(VA+) + 0.3
V
Digital Input Voltage
All Digital Pins
VIND
-0.3
-
(VD+) + 0.3
V
Ambient Operating Temperature
TA
-40
-
85
°C
Storage Temperature
Tstg
-65
-
150
°C
t
period
E1
t
3
t
4
t
5
t
3
t
5
t
4
E2
E3
t
pw
t
period
t
pw
Figure 2. Timing Diagram for E1, E2, and E3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com